Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7183 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7183
Description  Advanced Video Decoder with 10-Bit ADC and Component Input Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7183 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7183 Datasheet HTML 26Page - Analog Devices AD7183 Datasheet HTML 27Page - Analog Devices AD7183 Datasheet HTML 28Page - Analog Devices AD7183 Datasheet HTML 29Page - Analog Devices AD7183 Datasheet HTML 30Page - Analog Devices AD7183 Datasheet HTML 31Page - Analog Devices AD7183 Datasheet HTML 32Page - Analog Devices AD7183 Datasheet HTML 33Page - Analog Devices AD7183 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
REV. 0
–30–
ADV7183
Table XXXII. Pixel Delay Control Register (Subaddress 27)
Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
RESERVED
0
0
0
Set to Zero
CTA[2:0]
1
0
0
0
Not Valid
0
0
1
Chroma + 2 Pixel (Early)
0
1
0
Chroma + 1 Pixel (Early)
0
1
1
No Delay
1
0
0
Chroma – 1 Pixel (Late)
1
0
1
Chroma – 2 Pixel (Late)
1
1
0
Chroma – 3 Pixel (Late)
1
1
1
Not Valid
RESERVED
1
Set to One
SWPC
2
0
No Swapping
1
Swap the Cr and Cb Values
NOTES
1Chroma Timing Adjust. Allows a specified timing difference between the luma and chroma samples.
2Allows the Cr and Cb samples to be swapped.
Table XXXIII. Manual Clock Control 1 Register (Subaddress 28)
Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
CLKVAL[17:16]
1
XX
RESERVED
1111
Set to Default
CLKMANE
2
0
Output Frequency Set by Video
1
Frequency Set by CLKVAL[17:0]
FIX27E
3
0
Output Frequency Set by Clock Generator
1
Output 27 MHz Fixed
NOTES
1If enabled via CLKMANE, CLKVAL[17:0] determines the fixed output frequency. On the LLC, LLC2, and LLCREF pins.
2Clock Generator Manual Enable. Allows the analog clock generator to produce a fixed clock frequency that is not dependent on the video signal.
3Allows the o/p of fixed 27 MHz crystal clock via LLC, LLC2, and LLCR EF o/p pins.
Table XXXIV. Manual Clock Control 2 Register (Subaddress 29)
Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
CLKVAL[15:8]
* XXXXXXXX
*If enabled via CLKMANE, CLKVAL[17:0] determines the fixed output frequency. On the LLC, LLC2, and LLCREF pins.
Table XXXV. Manual Clock Control 3 Register (Subaddress 2A)
Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
CLKVAL[7:0]
*
XXXXXXXX
*If enabled via CLKMANE, CLKVAL[17:0] determines the fixed output frequency. On the LLC, LLC2, and LLCREF pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com