Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7183 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7183
Description  Advanced Video Decoder with 10-Bit ADC and Component Input Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7183 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7183 Datasheet HTML 21Page - Analog Devices AD7183 Datasheet HTML 22Page - Analog Devices AD7183 Datasheet HTML 23Page - Analog Devices AD7183 Datasheet HTML 24Page - Analog Devices AD7183 Datasheet HTML 25Page - Analog Devices AD7183 Datasheet HTML 26Page - Analog Devices AD7183 Datasheet HTML 27Page - Analog Devices AD7183 Datasheet HTML 28Page - Analog Devices AD7183 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
REV. 0
ADV7183
–25–
Table XIII. Saturation Adjust Register (Subaddress 09)
Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
SAT[7:0]
*
00000000–42 dB
100000000 dB
111111116 dB
*Saturation Adjust. Allows the user to adjust the saturation of color output.
Table XIV. Brightness Adjust Register (Subaddress 0A)
Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
BRI[7:0]
*
000000000 dB
011111113 dB
10000000–3 dB
*Controls the brightness of the video signal. Range =
± 3 dB.
Table XV. Hue Adjust Register (Subaddress 0B)
Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
HUE[7:0]
*
000000000°
0111111190°
10000000
–90°
*Contains the value for the color hue adjustment. Range =
± 90°.
Table XVI. Default Value Y Register (Subaddress 0C)
Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
DEF_ VAL_ EN
1
0
Use Programmed Value
2
1
Use Default Value
0
Use Programmed Value
4
1
Use Default Value
DEF_Y[5:0]
5
000100
DEF_ VAL_
AUTO_EN
3
NOTES
1Default Value Enable
2Y, Cr, and Cb Values
3Default Value Auto-Enable. In the case of lost lock enables/disables default values.
4When lock is lost.
5Default Value Y. Holds the Y default value.
Table XVII. Default Value C Register (Subaddress 0D)
Bit Description
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0Register Setting
DEF_C[7:0]
*
1000
Cr[7:0] = {DEF_C[7:4], 0, 0, 0, 0}
1000
Cb[7:0] = {DEF_C[3:0], 0, 0, 0, 0}
*Default Value C. Cr and Cb default values are defined in this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com