Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F65 Datasheet(PDF) 62 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 62 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 66Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 231 page
background image
Rev. 1.60
6�
�ove��e� ��� �01�
Rev. 1.60
63
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
FormostapplicationsaresistorconnectedbetweenVDDandtheRESpinandacapacitorconnected
betweenVSSandtheRESpinwillprovideasuitableexternalresetcircuit.Anywiringconnectedto
theRESpinshouldbekeptasshortaspossibletominimiseanystraynoiseinterference.
ForapplicationsthatoperatewithinanenvironmentwheremorenoiseispresenttheEnhancedReset
Circuitshownisrecommended.
RE S
0. 1~ 1 m F
10k W ~
100k W
VD D
VS S
0. 01 m F* *
V DD
1N 4148*
300 W *
External RES Circuit
Note:*ItisrecommendedthatthiscomponentisaddedforaddedESDprotection.
**Itisrecommendedthatthiscomponentisaddedinenvironmentswherepowerlinenoiseis
significant.
MoreinformationregardingexternalresetcircuitsislocatedinApplicationNoteHA0075Eonthe
Holtekwebsite.
PullingtheRESPinlowusingexternalhardwarewillalsoexecuteadevicereset.Inthiscase,asin
thecaseofotherresets,theProgramCounterwillresettozeroandprogramexecutioninitiatedfrom
thispoint.
RE S
In te r nal R es et
0. 9 V DD
0. 4 V DD
t RS TD + t SST
RES Reset Timing Chart
Low Voltage Reset – LVR
Themicrocontrollercontainsalowvoltageresetcircuitinordertomonitorthesupplyvoltageof
thedevice,whichisselectedviaaconfigurationoption.Ifthesupplyvoltageofthedevicedrops
towithinarangeof0.9V~VLVRsuchasmightoccurwhenchangingthebattery,theLVRwill
automaticallyresetthedeviceinternally.TheLVRincludesthefollowingspecifications:Foravalid
LVRsignal,alowvoltage,i.e.,avoltageintherangebetween0.9V~VLVRmustexistforgreaterthan
thevaluetLVRspecifiedintheA.C.characteristics.IfthelowvoltagestatedoesnotexceedtLVR,the
LVRwillignoreitandwillnotperformaresetfunction.Oneofarangeofspecifiedvoltagevalues
forVLVRcanbeselectedusingconfigurationoptions.
LV R
In te r nal R es et
t RS TD + t SST
Low Voltage Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com