Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F65 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 231 page
background image
Rev. 1.60
18
�ove��e� ��� �01�
Rev. 1.60
19
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
IDD�
Ope�ating Cu��ent
(fS=fSUB=fLXT o� fLIRC)
3V �o load� fH=8MHz� fSYS=fH/��
ADC off� WDT ena�le
—
�00
7�0
μA
�V
—
800
1�00
μA
3V �o load� fH=8MHz� fSYS=fH/��
ADC off� WDT ena�le
—
��0
630
μA
�V
—
700
1000
μA
3V �o load� fH=8MHz� fSYS=fH/8�
ADC off� WDT ena�le
—
�00
600
μA
�V
—
600
800
μA
3V �o load� fH=8MHz� fSYS=fH/16�
ADC off� WDT ena�le
—
360
��0
μA
�V
—
�60
700
μA
3V �o load� fH=8MHz� fSYS=fH/3��
ADC off� WDT ena�le
—
3�0
�80
μA
�V
—
��0
6�0
μA
3V �o load� fH=8MHz� fSYS=fH/6��
ADC off� WDT ena�le
—
�80
��0
μA
�V
—
��0
600
μA
IDD3
Ope�ating Cu��ent
(LXT/LIRC� fSYS=fL=fLXT� fS=fSUB=fLXT)
3V �o load� ADC off� WDT ena�le�
LVR ena�le
—
�0
70
μA
�V
—
60
100
μA
ISTB1
Stand�y Cu��ent (Idle)
(fSYS=fH� fS=fSUB=fLXT o� fLIRC)
3V �o load� syste� HALT� ADC off�
WDT ena�le� fSYS=8MHz� SPI
o� I�C on� PCK on� PCK=fSYS/8
—
0.3
0.�
�A
�V
—
0.�
0.8
�A
ISTB�
Stand�y Cu��ent (Idle)
(fSYS=off� fS=fSUB=fLXT o� fLIRC)
3V �o load� syste� HALT� ADC off�
WDT ena�le
—
1.�
3.0
μA
�V
—
�.�
�.0
μA
ISTB3
Stand�y Cu��ent (Idle)
(LXT� fSYS=fL=fLXT� fS=fSUB=fLXT)
3V �o load� syste� HALT� ADC off�
WDT ena�le� fSYS=3�768Hz
—
1.9
�.0
μA
�V
—
3.3
7.0
μA
ISTB�
Stand�y Cu��ent (Sleep)
(fSYS=off� fS=fSUB=fLXT o� fLIRC)
3V �o load� syste� HALT� ADC off�
WDT disa�le� fSYS=1�MHz
—
0.1
1.0
μA
�V
—
0.3
�.0
μA
VIL1
Input Low Voltage fo� I/O Po�ts
—
—
0
—
0.3VDD
V
VIH1
Input High Voltage fo� I/O Po�ts
—
—
0.7VDD
—
VDD
V
VIL�
Input Low Voltage (RES)
—
—
0
—
0.�VDD
V
VIH�
Input High Voltage (RES)
—
—
0.9VDD
—
VDD
V
VLVR1
Low Voltage Reset Voltage
—
LVR Ena�le� �.1V option
-�%
�.1
+�%
V
VLVR�
LVR Ena�le� �.��V option
�.��
V
VLVR3
LVR Ena�le� 3.1�V option
3.1�
V
VLVR�
LVR Ena�le� 3.8V option
3.8
V
ILVR
Low Voltage Reset Cu��ent
— LVR Ena�le� LVDE�=0
—
30
�0
μA
VLVD1
Low Voltage Detecto� Voltage
—
LVDE� = 1� VLVD = �.0V
-�%
�.0
+�%
V
VLVD�
LVDE� = 1� VLVD = �.�V
�.�
V
VLVD3
LVDE� = 1� VLVD = �.�V
�.�
V
VLVD�
LVDE� = 1� VLVD = �.7V
�.7
V
VLVD�
LVDE� = 1� VLVD = 3.0V
3.0
V
VLVD6
LVDE� = 1� VLVD = 3.3V
3.3
V
VLVD7
LVDE� = 1� VLVD = 3.6V
3.6
V
VLVD8
LVDE� = 1� VLVD = �.0V
�.0
V
ILVD1
Low Voltage Detecto� Cu��ent
—
LVR disa�le� LVDE� = 1
—
30
60
μA
ILVD�
LVR ena�le� LVDE� = 1
—
1
1
μA
IOL
I/O Po�t Sink Cu��ent
(PA��PA6�PA7 fo� HT��F6�;
PA7�PB0�PB1�PH6 fo� HT��F66/67)
3V VOL=0.1VDD
6
1�
—
�A
�V VOL=0.1VDD
10
�0
—
�A
IOH
I/O Po�t Sou�ce Cu��ent
(PA��PA6�PA7 fo� HT��F6�;
PA7�PB0�PB1�PH6 fo� HT��F66/67)
3V VOH=0.9VDD
-6
-1�
—
�A
�V VOH=0.9VDD
-10
-�0
—
�A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com