Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F65 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 231 page
background image
Rev. 1.60
��
�ove��e� ��� �01�
Rev. 1.60
�3
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
OP Amplifier Electrical Characteristics
Ta= 25˚C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
RO
Output Resistance
�.�V~3.6V
Ta=0~50°C, Rload=50KΩ
0.�V<VOP<VDD-0.�V
(Voltage Follower onfiguration)
—
—
10
Ω
ILOP1�
OP1� Leakage Cu��ent
�.�V~3.6V Ta=0~�0°C
-�
—
�
nA
Offset Voltage Te�p. D�ift
3V
Ta=��°C
-0.�
—
+0.� μV/°C
fGB
Gain Bandwidth P�oduct
3V
Ta=��°C
RL=1M� CL=60pF� VI�=VCM/�
—
100
—
kHz
VOS
Input Offset Voltage
3.3V
—
-1�
—
1�
�V
VCM
Co��on Mode Voltage Range
—
—
0
—
VDD-
1.�
V
AV
Gain
�V
—
—
100
—
dB
VOP
Ope�ating Voltage
—
—
�.�
—
�.�
V
IOP
Ope�ating Cu��ent
�V
VP=Vn=1/�VDD
—
6�0
—
μA
CMRR
Co��on Mode Rejection Ratio
3V
—
—
80
—
dB
PSRR
Powe� Supply Rejection Ratio
�V
—
—
7�
—
dB
Analog Switch Electrical Characteristics
Ta= 25˚C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
ROP
On Resistance
(OP1Sx� OP�� and OP�O)
�.�V~3.6V Ta=0~�0°C� ISW=200μA
—
—
�00
Ω
RVG
On Resistance (VG)
�.�V~3.6V Ta=0~�0°C� SW3=1
—
—
�0
Ω
IL
Leakage Cu��ent (VG)
�.�V~3.6V Ta=0~�0°C
-�
±0.�
�
nA
Temperature Sensor Electrical Characteristics
Ta= 25˚C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
TOP
Ope�ating Te�pe�atu�e
—
—
0
—
70
°C
Taa
A�solute Accu�acy
—
—
-3
—
+3
°C
Tg
Gain
�.�~3.6V
—
—
�.88
—
�V/°C
TOS
Offset Te�pe�atu�e
�.�~3.6V
—
—
0.9�
—
V
IS
Stand�y Cu��ent
3.0
—
—
—
1
μA
Vte�p
Ope�ating Voltage
—
—
�.�
—
�.�
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com