Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F65 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 231 page
background image
Rev. 1.60
8
�ove��e� ��� �01�
Rev. 1.60
9
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
General Description
ThedevicesareaFlashMemoryA/DwithLCDtype8-bithighperformanceRISCarchitecture
microcontrollerdesignedforapplicationsthatinterfacedirectlytoanalogsignalsandwhichrequire
anLCDinterface.OfferinguserstheconvenienceofFlashMemorymulti-programmingfeatures,
thesedevicesalsoincludeawiderangeoffunctionsandfeatures.Othermemoryincludesanarea
ofRAMDataMemoryaswellasIAPforstorageofnon-volatiledatasuchasserialnumbers,
calibrationdataetc.
Analogfeaturesincludeamulti-channel12-bitA/Dconverter.MultipleandextremelyflexibleTimer
Modulesprovidetiming,pulsegenerationandPWMgenerationfunctions.Communicationwiththe
outsideworldiscateredforbyincludingfullyintegratedSPIorI2Cinterfacefunctions,twopopular
interfaceswhichprovidedesignerswithameansofeasycommunicationwithexternalperipheral
hardware.ProtectivefeaturessuchasaninternalWatchdogTimer,LowVoltageResetandLow
VoltageDetectorcoupledwithexcellentnoiseimmunityandESDprotectionensurethatreliable
operationismaintainedinhostileelectricalenvironments.
AfullchoiceofHXT,LXT,ERC,HIRCandLIRCoscillatorfunctionsareprovidedincludinga
fullyintegratedsystemoscillatorwhichrequiresnoexternalcomponentsforitsimplementation.
Theabilitytooperateandswitchdynamicallybetweenarangeofoperatingmodesusingdifferent
clocksourcesgivesuserstheabilitytooptimisemicrocontrolleroperationandminimisepower
consumption.
Selection Table
Mostfeaturesarecommontoalldevices,themainfeaturedistinguishingthemareMemorycapacity,
I/Ocount,TMfeatures,stackcapacityandpackagetypes.Thefollowingtablesummarisesthemain
featuresofeachdevice.
Part No.
VDD
Program
Memory
Data
Memory I/O A/D
D/A Audio
DAC Timer Module
Interface
(SPI/I2C) SPI1 UART Stack package
HT��F6�
�.�V~
�.�V
8K×16
��6×8
37
1�-
�it×8
10-
�it×1
16-
�it×1
10-�it CTM�
16-�it STM×1
√
√
√
1�
�8/6�
LQFP
HT��F66
16K×16
�1�×8
�9
1�-
�it×8
10-
�it×1
16-
�it×1
10-�it CTM�
16-�it STM×1
10-�it ETM×1
√
√
√
1�
6�/80
LQFP
HT��F67
3�K×16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com