Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F65 Datasheet(PDF) 84 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 84 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 83Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 88Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 231 page
background image
Rev. 1.60
8�
�ove��e� ��� �01�
Rev. 1.60
8�
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
PDFS Register (HT45F66/HT45F67)
Bit
7
6
5
4
3
2
1
0
�a�e
PDFS7
PDFS6
PDFS�
PDFS�
PDFS3
PDFS�
PDFS1
PDFS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
PDFS7:PortD7functionselection
0:I/O
1:specialfunction(SEG7orTCK1)
ThisbitsettingdoesnotaffecttheTCK1function.
Bit6
PDFS6:PortD6functionselection
0:I/O
1:specialfunction(SEG6orTP1B_2)
Bit5
PDFS5:PortD5functionselection
0:I/O
1:specialfunction(SEG5orTP1B_1)
Bit4
PDFS4:PortD4functionselection
0:I/O
1:specialfunction(SEG4orTP1B_0)
Bit3
PDFS3:PortD3functionselection
0:I/O
1:specialfunction(SEG3orTP1A)
Bit2
PDFS2:PortD2functionselection
0:I/O
1:specialfunction(SEG2orTCK0)
Bit1
PDFS1:PortD1functionselection
0:I/O
1:specialfunction(SEG1orTP0_1)
Bit0
PDFS0:PortD0functionselection
0:I/O
1:specialfunction(SEG0orTP0_0)
PEFS0 Register (HT45F65)
Bit
7
6
5
4
3
2
1
0
�a�e
—
PEFS3� PEFS31
PEFS�
PEFS1�
PEFS11
PEFS0� PEFS01
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
0
0
0
0
0
0
0
Bit7
Unimplemented,readas"0"
Bit6~5
PEFS32~ PEFS31:PortE3functionselection
00:I/O
01:SEG11
Others:TP1_0orTP1_1
Bit4
PEFS2:PortE2functionselection
0:I/O
1:SEG10
Bit3~2
PEFS12~ PEFS11:PortE1functionselection
00:I/O
01:SEG9
Others:TP0_0orTP0_1
Bit1~0
PEFS02~ PEFS01:PortE0functionselection
00:I/O
01:SEG8
Others:I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com