Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F65 Datasheet(PDF) 65 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 65 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 69Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 231 page
background image
Rev. 1.60
6�
�ove��e� ��� �01�
Rev. 1.60
6�
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Thedifferentkindsofresetsallaffecttheinternalregistersofthemicrocontrollerindifferentways.
Toensurereliablecontinuationofnormalprogramexecutionafteraresetoccurs,itisimportantto
knowwhatconditionthemicrocontrollerisinafteraparticularresetoccurs.Thefollowingtable
describeshoweachtypeofresetaffectseachofthemicrocontrollerinternalregisters.Notethatwhere
morethanonepackagetypeexiststhetablewillreflectthesituationforthelargerpackagetype.
HT45F65
Register
Name
Power On Reset
External or LVR
Reset
WDT Reset
from Normal
Operation State
WDT Reset from
Halt State
IAR0
---- ----
---- ----
---- ----
---- ----
MP0
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
IAR1
---- ----
---- ----
---- ----
---- ----
MP1
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
BP
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBHP
---x xxxx
---u uuuu
---u uuuu
---u uuuu
STATUS
--00 xxxx
--uu uuuu
--1u uuuu
--1 1 uuuu
SMOD0
0 00 0 0 011
0 00 0 0 011
0 00 0 0 011
uuuu uuuu
LVDC
--00 -000
--00 -000
--00 -000
--uu -uuu
I�TEG
---- 0000
---- 0000
---- 0000
---- uuuu
WDTC
0 10 1 0 011
0 10 1 0 011
0 10 1 0 011
Uu uu uuu u
TBC
0011 0111
0011 0111
0011 0111
uuuu uuuu
I�TC0
-000 0000
000 0000
000 0000
-uuu uuuu
I�TC1
-000 -000
-000 -000
-000 -000
-uuu -uuu
I�TC�
--00 --00
--00 --00
--00 --00
--uu -uu
SCKC
0--- --00
0--- --00
0--- --00
u--- --00
MFI0
0000 0000
0000 0000
0000 0000
uuuu uuuu
MFI1
-000 0000
-000 0000
-000 0000
-uuu uuuu
MFI�
0000 0000
0000 0000
0000 0000
Uu uu uuu u
PAWU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PAPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PA
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PB
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PCPU
---0 0000
---0 0000
---0 0000
---u uuuu
PC
---1 1 1 1 1
---1 1 1 1 1
---1 1 1 1 1
---u uuuu
PCC
---1 1 1 1 1
---1 1 1 1 1
---1 1 1 1 1
---u uuuu
PDPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PD
1111 1111
1111 1111
1111 1111
uuuu uuuu
PDC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PEPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PE
1111 1111
1111 1111
1111 1111
uuuu uuuu
PEC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAFS
000- ----
000- ----
000- ----
uuu- ----



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com