Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F340 Datasheet(PDF) 194 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 194 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 190Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 191Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 192Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 193Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 194Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 195Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 196Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 197Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 198Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 235 page
background image
Rev. 1.30
194
�ove��e� 1�� �01�
Rev. 1.30
195
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
LCD Driver
Forlargevolumeapplications,whichincorporateanLCDintheirdesign,theuseofacustom
displayratherthanamoreexpensivecharacterbaseddisplayreducescostssignificantly.However,
thecorrespondingCOMandSEGsignalsrequired,whichvaryinbothamplitudeandtime,todrive
suchacustomdisplayrequiremanyspecialconsiderationsforproperLCDoperationtooccur.The
devicescontainanLCDDriverfunction,whichwithitsinternalLCDsignalgeneratingcircuitryand
variousoptions,willautomaticallygeneratethesetimeandamplitudevaryingsignalstoprovidea
meansofdirectdrivingandeasyinterfacingtoarangeofcustomLCDs.
Device
Duty
Driver Output
Bias
Bias Type
Wave Type
HT�9F340
1/4 o� 1/3
�4×4 o� �5×3
1/3 o� 1/�
C o� R
A o� B
HT�9F350
1/4 o� 1/3
3�×4 o� 37×3
1/3 o� 1/�
C o� R
A o� B
HT�9F3�0
1/4 o� 1/3
4�×4 o� 49×3
1/3 o� 1/�
C o� R
A o� B
LCD Display Memory
AnareaofDataMemoryisespeciallyreservedforusefortheLCDdisplaydata.Thisdataarea
isknownastheLCDMemory.Anydatawrittenherewillbeautomaticallyreadbytheinternal
displaydrivercircuits,whichwillinturnautomaticallygeneratethenecessaryLCDdrivingsignals.
ThereforeanydatawrittenintothisMemorywillbeimmediatelyreflectedintotheactualdisplay
connectedtothemicrocontroller.
AstheLCDMemoryaddressesoverlapthoseoftheGeneralPurposeDataMemory,itisstoredinits
ownindependentSector1area.TheDataMemorySectortobeusedischosenbyusingtheMemory
Pointerhighbyteregisters,whicharespecialfunctionregistersintheDataMemory,withthename,
MP1HandMP2H.ToaccesstheDisplayMemorythereforerequiresfirstthatSector1isselected
bywritingavalueof01HtoMP1HorMP2Hregister.Afterthis,thememorycanthenbeaccessed
byusingindirectaddressingthroughtheuseofMemoryPointerlowbyteMP1LorMP2L.With
Sector1selected,thenusingMP1LorMP2Ltoreadorwritetothememoryarea,startingfromthe
address80Hforallthedevices,willresultinoperationstotheLCDmemory.Directlyaddressing
theDisplayMemorycanbecarriedoutbyusingthecorrespondingextendedinstructions.
TheaccompanyingLCDMemoryMapdiagramshowshowtheinternalLCDmemoryismappedto
theSegmentsandCommonsofthedisplayforthedevices.LCDMemoryMapforthedeviceswith
smallermemorycapacitiescanbeextrapolatedfromthediagrams.
SEG0
SEG��
SEG�1
SEG1
�0H
9�H
95H
�1H
SEG�3
97H
SEG0
SEG��
SEG�1
SEG1
�0H
9�H
95H
�1H
SEG�4
SEG�3
9�H
97H
24 SEG x 4 COM
25 SEG x 3 COM
: Unused� �ead as “0"
LCD Memory Map – HT69F340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com