Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F340 Datasheet(PDF) 197 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 197 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 193Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 194Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 195Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 196Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 197Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 198Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 199Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 200Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 201Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 235 page
background image
Rev. 1.30
19�
�ove��e� 1�� �01�
Rev. 1.30
197
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
LCDC1 Register
Bit
7
6
5
4
3
2
1
0
�a�e
—
—
—
—
—
RCT
LCDP1
LCDP0
R/W
—
—
—
—
—
R/W
R/W
R/W
POR
—
—
—
—
—
0
0
0
Bit7~3
Unimplemented,readas"0"
Bit2
RCT:LCDR/CTypeControl
0:RType
1:CType
Bit1~0
LCDP1~LCDP0:LCDpowersourceselectforCtype
00:thepowersourceisfromVLCD/V1/V2
01:thepowersourceisfromVC=DPNVref(~1.08V)
10:thepowersourceisfromVB=VDD
11:thepowersourceisfromVA=VDD
IfLCDEN=1andRCT=1,thePC0~2willbeV2,C1,C2functionrespectively.
LCD Reset Function
TheLCDhasaninternalresetfunctionthatisanORfunctionoftheinvertedLCDENbitinthe
LCDC0registerandtheSLEEPfunction.WhentheLCDENbitissetto1toenabletheLCDdriver
functionbeforethedeviceenterstheSLEEPmode,theLCDfunctionwillberesetafterthedevice
enterstheSLEEPmode.ClearingtheLCDENbittozerowillalsoresettheLCDfunction.
LCDEN
SLEEP Mode
Reset LCD
0
Off
√
0
On
√
1
Off
x
1
On
√
LCD Reset Function
LCD Driver Output
ThenumberofCOMandSEGoutputssuppliedbytheLCDdriver,aswellasthewavetype,R/C
type,biasingandthedutyselections,aredependentuponhowtheLCDcontrolbitsareprogrammed.
ThenatureofLiquidCrystalDisplaysrequirethatonlyACvoltagescanbeappliedtotheirpixels
astheapplicationofDCvoltagestoLCDpixelsmaycausepermanentdamage.Forthisreasonthe
relativecontrastofanLCDdisplayiscontrolledbytheactualRMSvoltageappliedtoeachpixel,
whichisequaltotheRMSvalueofthevoltageontheCOMpinminusthevoltageappliedtothe
SEGpin.ThisdifferentialRMSvoltagemustbegreaterthantheLCDsaturationvoltageforthe
pixeltobeonandlessthanthethresholdvoltageforthepixeltobeoff.
TherequirementtolimittheDCvoltagetozeroandtocontrolasmanypixelsaspossiblewith
aminimumnumberofconnectionsrequiresthatbothatimeandamplitudesignalisgenerated
andappliedtotheapplicationLCD.Thesetimeandamplitudevaryingsignalsareautomatically
generatedbytheLCDdrivercircuitsinthemicrocontroller.Whatisknownasthedutydetermines
thenumberofcommonlinesused,whicharealsoknownasbackplanesorCOMs.Theduty,which
ischosenbyacontrolbittohaveavalueof1/3or1/4andwhichequatestoaCOMnumberof3
or4respectively,thereforedefinesthenumberoftimedivisionswithineachLCDsignalframe.
Twotypesofsignalgenerationarealsoprovided,knownasTypeAandTypeB,therequiredtypeis
selectedviatheTYPEbitintheLCDC0register.TypeBofferslowerfrequencysignals,however
lowerfrequenciesmayintroduceflickeringandinfluencedisplayclarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com