Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F340 Datasheet(PDF) 199 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 199 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 195Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 196Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 197Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 198Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 199Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 200Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 201Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 202Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 203Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 235 page
background image
Rev. 1.30
19�
�ove��e� 1�� �01�
Rev. 1.30
199
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
C Type Biasing
ForCtypebiasinganexternalpinorinternalpowersourceisselectedviaLCDP1~LCDP0bitin
LCDC1register.TheLCDvoltagesourceissuppliedonpinVLCD,V1,V2orinternalpowerto
generatetheinternalbiasingvoltages.
WhenpowersourceisfrompinVLCD,theCtypebiasingschemeusesaninternalchargepump
circuit,whichinthecaseofthe1/3biasselectioncangeneratevoltageshigherthanwhatissupplied
onVLCD.Thisfeatureisusefulinapplicationswherethemicrocontrollersupplyvoltageisless
thanthesupplyvoltagerequiredbytheLCD.Anadditionalchargepumpcapacitormustalsobe
connectedbetweenpinsC1andC2togeneratethenecessaryvoltagelevels.
Thedevicehasabuilt-indepletioncircuitforLCDvoltagesource.ThiscouldbetheDPNVref
(~1.08V)orinternalpower(VDD)togeneratebiasingvoltagewhenLCDPbitbeconfigured01,10
or11.
FortheCtype1/3biasselection,fourvoltagelevelsVSS,VA,VBandVCareutilised.Whenpower
sourceisfrompinV1orVDD,whichismaximumbias.ThepinVLCDmustconnecta0.1ufto
ground.AndchargepumpwillgenerateVBandVC,VBwillhaveavalueequaltoVA×2/3andVC
willhaveavalueequaltoVA×1/3.
WhenpowersourceisfrompinVLCDorVDD,ThevoltageVAisgeneratedinternallyandhasa
valueofVLCD×1.5.VBwillhaveavalueequaltoVA×2/3andVCwillhaveavalueequaltoVA×1/3.
WhenpowersourceisfrompinV2orDPNVref,ThevoltageVAisgeneratedinternallyandhasavalue
ofVC×3.VBwillhaveavalueequaltoVC×2andVCwillhaveavalueequaltoV2orDPNVref.
Cha�ge
Pu�p
VA=V1=3Vi
VB=VLCD=�Vi
VC=V�=Vi
0.1uF
0.1uF
0.1uF
C1
C�
V1
V�
VMAX
VLCD
Powe� Supply f�o� pin V�
Vi
Cha�ge
Pu�p
VA=V1=3/�*VDD
VB=VLCD=VDD
VC=V�=1/�*VDD
0.1uF
0.1uF
0.1uF
C1
C�
V1
V�
VMAX
VLCD
VDD
Powe� Supply f�o� pin VLCD
VA=3×Vi
VB=�×Vi
VC=1×Vi
0.1uF
0.1uF
0.1uF
C1
C�
V1
V�
VMAX
VLCD
VDD
Powe� Supply f�o� inte�nal powe�
VDD
VDD
Cha�ge
Pu�p
DP�
V�ef
Vi
Cha�ge
Pu�p
VA=V1=VDD
VB=VLCD=�/3*VDD
VC=V�=1/3*VDD
0.1uF
0.1uF
0.1uF
C1
C�
V1
V�
VMAX
VLCD
VDD
Powe� Supply f�o� pin V1
LCD power source from external pin
LCD power source from internal power
0.1uF
Note:ThepinVMAXmustconnecttomaximumvoltagetopreventpadleakage.
C Type Bias Voltage Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com