Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMGA Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F10WMGA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMGA Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F10WMGA Datasheet HTML 35Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 36Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 37Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 38Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 39Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 40Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 41Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 42Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 39 of 123
Notes 1.
The value must also be equal to or less than fMCK/4.
2.
Set the fMCK value to keep the hold time of SCLr = “L” and SCLr = “H”.
3.
Condition in the HS (high-speed main) mode
Caution
Select the normal input buffer and the N-ch open drain output (VDD tolerance) mode for the SDAr pin
and the normal output mode for the SCLr pin by using port input mode register g (PIMg) and port
output mode register g (POMg).
Simplified I2C mode connection diagram (during communication at same potential)
RL78
microcontroller
SDAr
SCLr
SDA
SCL
User device
VDD
Rb
Simplified I2C mode serial transfer timing (during communication at same potential)
SDAr
tLOW
tHIGH
tHD : DAT
SCLr
tSU : DAT
1/fSCL
Remarks 1.
Rb[
Ω]: Communication line (SDAr) pull-up resistance, Cb[F]: Communication line (SDAr, SCLr) load
capacitance
2.
r: IIC number (r = 00, 10), g: PIM and POM number (g = 0, 1)
3.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number (m = 0),
n: Channel number (n = 0-3), mn = 00-03, 10-13)
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com