Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMGA Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F10WMGA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMGA Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F10WMGA Datasheet HTML 6Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 7Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 8Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 9Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 10Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 11Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 12Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 13Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 126 page
background image
RL78/L13
1. OUTLINE
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 10 of 123
1.6 Outline of Functions
(1/2)
Item
64-pin
80-pin
R5F10WLx (x = A, C-G)
R5F10WMx (x = A, C-G)
Code flash memory (KB)
16 to 128
16 to 128
Data flash memory (KB)
4
4
RAM (KB)
1 to 8Note 1
1 to 8Note 1
Address space
1 MB
Main system
clock
High-speed system clock X1 (crystal/ceramic) oscillation, external main system clock input (EXCLK)
HS (High-speed main) mode: 1 to 20 MHz (VDD = 2.7 to 5.5 V),
HS (High-speed main) mode: 1 to 16 MHz (VDD = 2.4 to 5.5 V),
LS (Low-speed main) mode: 1 to 8 MHz (VDD = 1.8 to 5.5 V),
LV (Low-voltage main) mode: 1 to 4 MHz (VDD = 1.6 to 5.5 V)
High-speed on-chip
oscillator
HS (High-speed main) mode: 1 to 24 MHz (VDD = 2.7 to 5.5 V),
HS (High-speed main) mode: 1 to 16 MHz (VDD = 2.4 to 5.5 V),
LS (Low-speed main) mode: 1 to 8 MHz (VDD = 1.8 to 5.5 V),
LV (Low-voltage main) mode: 1 to 4 MHz (VDD = 1.6 to 5.5 V)
Clock for 16-bit timer KB20
48 MHz (TYP.): VDD = 2.7 to 5.5 V
Subsystem clock
XT1 (crystal) oscillation, external subsystem clock input (EXCLKS)
32.768 kHz (TYP.): VDD = 1.6 to 5.5 V
Low-speed on-chip oscillator
15 kHz (TYP.)
General-purpose register
(8-bit register
× 8) × 4 banks
Minimum instruction execution time
0.04167
μs (High-speed on-chip oscillator: fIH = 24 MHz operation)
0.05
μs (High-speed system clock: fMX = 20 MHz operation)
30.5
μs (Subsystem clock: fSUB = 32.768 kHz operation)
Instruction set
• Data transfer (8/16 bits)
• Adder and subtractor/logical operation (8/16 bits)
• Multiplication (8 bits × 8 bits)
• Rotate, barrel shift, and bit manipulation (Set, reset, test, and Boolean operation), etc.
I/O port
Total
49
65
CMOS I/O
42
(N-ch O.D. I/O [VDD withstand voltage]: 12)
58
(N-ch O.D. I/O [VDD withstand voltage]: 18)
CMOS input
5
5
CMOS output
−
−
N-ch O.D I/O
(withstand voltage: 6 V)
2
2
Timer
16-bit timer TAU
8 channels
16-bit timer KB20
1 channel
Watchdog timer
1 channel
12-bit interval timer (IT)
1 channel
Real-time clock 2
1 channel
RTC2 output
1
• 1 Hz (subsystem clock: fSUB = 32.768 kHz)
Timer output
8 channels (PWM outputs: 7Note 2) (TAU used)
1 channel (timer KB20 used)
Remote control output
function
1 (TAU used)
Notes 1.
In the case of the 8 KB, this is about 7 KB when the self-programming function and data flash function are
used.
2.
The number of outputs varies depending on the setting of the channels in use and the number of master
channels (see 6.9.3 Operation as multiple PWM output function in the RL78/L13 User’s Manual.).
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com