Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMGA Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # R5F10WMGA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMGA Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button R5F10WMGA Datasheet HTML 64Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 65Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 66Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 67Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 68Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 69Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 70Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 71Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 68 of 123
2.8 RAM Data Retention Characteristics
(TA =
−40 to +85°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Data retention supply voltage
VDDDR
1.46Note
5.5
V
Note
This depends on the POR detection voltage. For a falling voltage, data in RAM are retained until the voltage
reaches the level that triggers a POR reset but not once it reaches the level at which a POR reset is generated.
Caution
Data in RAM are not retained if the CPU operates outside the specified operating voltage range.
Therefore, place the CPU in STOP mode before the operating voltage drops below the specified range.
VDD
STOP instruction execution
Standby release signal
(interrupt request)
STOP mode
RAM data retention mode
VDDDR
Operation mode
2.9 Flash Memory Programming Characteristics
(TA =
−40 to +85°C, 1.8 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
System clock frequency
fCLK
1.8 V
≤ VDD ≤ 5.5 V
1
24
MHz
Number of code flash rewritesNotes 1, 2, 3 Cerwr
Retained for 20 years
TA = 85
°C
1,000
Times
Number of data flash rewritesNotes 1, 2, 3
Retained for 1 year
TA = 25
°C
1,000,000
Retained for 5 years
TA = 85
°C
100,000
Retained for 20 years
TA = 85
°C
10,000
Notes 1.
1 erase + 1 write after the erase is regarded as 1 rewrite. The retaining years are until next rewrite after the
rewrite.
2.
When using flash memory programmer and Renesas Electronics self programming library
3.
This characteristic indicates the flash memory characteristic and based on Renesas Electronics reliability test.
Remark
When updating data multiple times, use the flash memory as one for updating data.
2.10 Dedicated Flash Memory Programmer Communication (UART)
(TA =
−40 to +85°C, 1.8 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Transfer rate
During serial programming
115,200
1,000,000
bps
<R>
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com