Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMGA Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # R5F10WMGA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMGA Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button R5F10WMGA Datasheet HTML 71Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 72Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 73Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 74Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 75Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 76Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 77Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 78Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 126 page
background image
RL78/L13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA =
−40 to +105°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 75 of 123
3.2 Oscillator Characteristics
3.2.1 X1 and XT1 oscillator characteristics
(TA =
−40 to +105°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Resonator
Conditions
MIN.
TYP.
MAX.
Unit
X1 clock oscillation
frequency (fX)Note
Ceramic resonator/
crystal resonator
2.7 V
≤ VDD ≤ 5.5 V
1.0
20.0
MHz
2.4 V
≤ VDD < 2.7 V
1.0
16.0
XT1 clock oscillation
frequency (fXT)Note
Crystal resonator
32
32.768
35
kHz
Note
Indicates only permissible oscillator frequency ranges. Refer to AC Characteristics for instruction execution time.
Request evaluation by the manufacturer of the oscillator circuit mounted on a board to check the oscillator
characteristics.
Caution
Since the CPU is started by the high-speed on-chip oscillator clock after a reset release, check the X1
clock oscillation stabilization time using the oscillation stabilization time counter status register (OSTC)
by the user.
Determine the oscillation stabilization time of the OSTC register and the oscillation
stabilization time select register (OSTS) after sufficiently evaluating the oscillation stabilization time
with the resonator to be used.
Remark
When using the X1 oscillator and XT1 oscillator, see 5.4 System Clock Oscillator in the RL78/L13 User’s
Manual.
3.2.2 On-chip oscillator characteristics
(TA =
−40 to +105°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
High-speed on-chip oscillator
clock frequencyNotes 1, 2
fIH
1
24
MHz
High-speed on-chip oscillator
clock frequency accuracy
+85 to +105
°C
2.4 V
≤ VDD ≤ 5.5 V
−2
+2
%
−20 to +85°C
2.4 V
≤ VDD ≤ 5.5 V
−1
+1
%
−40 to −20°C
2.4 V
≤ VDD ≤ 5.5 V
−1.5
+1.5
%
Low-speed on-chip oscillator
clock frequency
fIL
15
kHz
Low-speed on-chip oscillator
clock frequency accuracy
−15
+15
%
Notes 1.
The high-speed on-chip oscillator frequency is selected by bits 0 to 4 of the option byte (000C2H/010C2H)
and bits 0 to 2 of the HOCODIV register.
2.
This indicates the oscillator characteristics only. Refer to AC Characteristics for the instruction execution
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com