Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMGA Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R5F10WMGA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMGA Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R5F10WMGA Datasheet HTML 93Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 94Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 95Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 96Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 97Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 98Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 99Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 100Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 126 page
background image
RL78/L13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA =
−40 to +105°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 97 of 123
(5) Communication at different potential (1.8 V, 2.5 V, 3 V) (UART mode) (2/2)
(TA =
−40 to +105°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main) Mode
Unit
MIN.
MAX.
Transfer rate
Transmission
4.0 V
≤ VDD ≤ 5.5 V,
2.7 V
≤ Vb ≤ 4.0 V
Note 1
bps
Theoretical value of the maximum transfer rate
Cb = 50 pF, Rb = 1.4 k
Ω, Vb = 2.7 V
2.0Note 2
Mbps
2.7 V
≤ VDD < 4.0 V,
2.3 V
≤ Vb ≤ 2.7 V
Note 3
bps
Theoretical value of the maximum transfer rate
Cb = 50 pF, Rb = 2.7 k
Ω, Vb = 2.3 V
1.2Note 4
Mbps
2.4 V
≤ VDD < 3.3 V,
1.6 V
≤ Vb ≤ 2.0 V
Note 5
bps
Theoretical value of the maximum transfer rate
Cb = 50 pF, Rb = 5.5 k
Ω, Vb = 1.6 V
0.43Note 6
Mbps
Notes 1.
The smaller maximum transfer rate derived by using fMCK/12 or the following expression is the valid maximum
transfer rate.
Expression for calculating the transfer rate when 4.0 V
≤ VDD ≤ 5.5 V and 2.7 V ≤ Vb ≤ 4.0 V
Maximum transfer rate =
1
[bps]
{
−Cb × Rb × ln (1 −
2.2
Vb )} × 3
1
Transfer rate
× 2 −
{
−Cb × Rb × ln (1 −
2.2
Vb )}
Baud rate error (theoretical value) =
× 100 [%]
(
1
Transfer rate ) × Number of transferred bits
* This value is the theoretical value of the relative difference between the transmission and reception sides.
2.
This value as an example is calculated when the conditions described in the “Conditions” column are met.
Refer to Note 1 above to calculate the maximum transfer rate under conditions of the customer.
3.
The smaller maximum transfer rate derived by using fMCK/12 or the following expression is the valid maximum
transfer rate.
Expression for calculating the transfer rate when 2.7 V
≤ VDD < 4.0 V and 2.3 V ≤ Vb ≤ 2.7 V
Maximum transfer rate =
1
[bps]
{
−Cb × Rb × ln (1 −
2.0
Vb )} × 3
1
Transfer rate
× 2 −
{
−Cb × Rb × ln (1 −
2.0
Vb )}
Baud rate error (theoretical value) =
× 100 [%]
(
1
Transfer rate ) × Number of transferred bits
* This value is the theoretical value of the relative difference between the transmission and reception sides.
4.
This value as an example is calculated when the conditions described in the “Conditions” column are met.
Refer to Note 3 above to calculate the maximum transfer rate under conditions of the customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com