Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMGA Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # R5F10WMGA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMGA Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button R5F10WMGA Datasheet HTML 55Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 56Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 57Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 58Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 59Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 60Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 61Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 62Page - Renesas Technology Corp R5F10WMGA Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 59 of 123
2.6 Analog Characteristics
2.6.1 A/D converter characteristics
Classification of A/D converter characteristics
Reference Voltage
Input channel
Reference voltage (+) = AVREFP
Reference voltage (
−) = AVREFM
Reference voltage (+) = VDD
Reference voltage (
−) = VSS
Reference voltage (+) = VBGR
Reference voltage (
−) = AVREFM
ANI0, ANI1
–
See 2.6.1 (2).
See 2.6.1 (3).
ANI16 to ANI25
See 2.6.1 (1).
Internal reference voltage
Temperature sensor output
voltage
See 2.6.1 (1).
–
(1) When reference voltage (+) = AVREFP/ANI0 (ADREFP1 = 0, ADREFP0 = 1), reference voltage (
−) = AVREFM/ANI1
(ADREFM = 1), target pins: ANI16 to ANI25, internal reference voltage, and temperature sensor output voltage
(TA =
−40 to +85°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = 0 V, Reference voltage (+) = AVREFP, Reference voltage (−) = AVREFM = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
8
10
bit
Overall errorNote 1
AINL
10-bit resolution
AVREFP = VDDNote 3
1.8 V
≤ AVREFP ≤ 5.5 V
1.2
±5.0
LSB
1.6 V
≤ AVREFP ≤ 5.5 VNote 4
1.2
±8.5
LSB
Conversion time
tCONV
10-bit resolution
Target pin:
ANI16 to ANI25
3.6 V
≤ VDD ≤ 5.5 V
2.125
39
μs
2.7 V
≤ VDD ≤ 5.5 V
3.1875
39
μs
1.8 V
≤ VDD ≤ 5.5 V
17
39
μs
1.6 V
≤ VDD ≤ 5.5 V
57
95
μs
10-bit resolution
Target pin: Internal
reference voltage,
and temperature
sensor output
voltage
(HS (high-speed
main) mode)
3.6 V
≤ VDD ≤ 5.5 V
2.375
39
μs
2.7 V
≤ VDD ≤ 5.5 V
3.5625
39
μs
2.4 V
≤ VDD ≤ 5.5 V
17
39
μs
Zero-scale errorNotes 1, 2
EZS
10-bit resolution
AVREFP = VDDNote 3
1.8 V
≤ AVREFP ≤ 5.5 V
±0.35
%FSR
1.6 V
≤ AVREFP ≤ 5.5 VNote 4
±0.60
%FSR
Full-scale errorNotes 1, 2
EFS
10-bit resolution
AVREFP = VDDNote 3
1.8 V
≤ AVREFP ≤ 5.5 V
±0.35
%FSR
1.6 V
≤ AVREFP ≤ 5.5 VNote 4
±0.60
%FSR
Integral linearity errorNote 1
ILE
10-bit resolution
AVREFP = VDDNote 3
1.8 V
≤ AVREFP ≤ 5.5 V
±3.5
LSB
1.6 V
≤ AVREFP ≤ 5.5 VNote 4
±6.0
LSB
Differential linearity errorNote 1 DLE
10-bit resolution
AVREFP = VDDNote 3
1.8 V
≤ AVREFP ≤ 5.5 V
±2.0
LSB
1.6 V
≤ AVREFP ≤ 5.5 VNote 4
±2.5
LSB
Analog input voltage
VAIN
ANI16 to ANI25
0
AVREFP
V
Internal reference voltage
(2.4 V
≤ VDD ≤ 5.5 V, HS (high-speed main) mode))
VBGRNote 5
V
Temperature sensor output voltage
(2.4 V
≤ VDD ≤ 5.5 V, HS (high-speed main) mode))
VTMPS25Note 5
V
(Notes are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com