Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 177Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 178Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 179Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 180Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 181Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 182Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 183Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 184Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 181 of 228
Oct 24, 2016
RX64M Group
5. Electrical Characteristics
Note 1. tPAcyc: PCLKA cycle
Note 2. We recommend using pins that have a letter (“-A”, “-B”, etc.) to indicate group membership appended to their names as groups.
For the RSPI interface, the AC portion of the electrical characteristics is measured for each group.
Table 5.33
RSPI Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 30 pF
High-drive output is selected by the driving ability control register.
Item
Symbol
Min.*1
Max.*1
Unit*1
Test
Conditions*2
RSPI
RSPCK clock cycle
Master
tSPcyc
2
4096
tPAcyc Figure 5.46
Slave
8
4096
RSPCK clock high pulse
width
Master
tSPCKWH
(tSPcyc – tSPCKR
– tSPCKF) / 2 – 3
—ns
Slave
(tSPcyc – tSPCKR
– tSPCKF) / 2
—
RSPCK clock low pulse
width
Master
tSPCKWL
(tSPcyc – tSPCKR
– tSPCKF) / 2 – 3
—ns
Slave
(tSPcyc – tSPCKR
– tSPCKF) / 2
—
RSPCK clock rise/fall time
Output
tSPCKr,
tSPCKf
—5
ns
Input
—
1
μs
Data input setup time
Master
tSU
6
—
ns
Figure 5.47 to
Figure 5.52
Slave
8.3 – tPAcyc
—
Data input hold time
Master
PCLKA division
ratio set to 1/2
tHF
0—
ns
PCLKA division
ratio set to a
value other
than 1/2
tH
tPAcyc
—
Slave
8.3 + 2 × tPAcyc
—
SSL setup time
Master
tLEAD
18
tSPcyc
Slave
4
—
tPAcyc
SSL hold time
Master
tLAG
18
tSPcyc
Slave
4
—
tPAcyc
Data output delay time
Master
tOD
—6.3
ns
Slave
—
3 × tPAcyc +
20
Data output hold time
Master
tOH
0—
ns
Slave
0
—
Successive transmission
delay time
Master
tTD
tSPcyc + 2 × tPAcyc
8 × tSPcyc
+ 2 × tPAcyc
ns
Slave
4 × tPAcyc
—
MOSI and MISO
rise/fall time
Output
tDr, tDf
—5
ns
Input
—
1
μs
SSL
rise/fall time
Output
tSSLr,
tSSLf
—5
ns
Input
—
1
μs
Slave access time
tSA
—4
tPAcyc Figure 5.51,
Figure 5.52
Slave output release time
tREL
—3
tPAcyc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com