Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 182Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 183Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 184Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 185Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 186Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 187Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 188Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 189Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 186 of 228
Oct 24, 2016
RX64M Group
5. Electrical Characteristics
Note 1. tPBcyc: PCLKB cycle
Note 2. We recommend using pins that have a letter (“-A”, “-B”, etc.) to indicate group membership appended to their names as groups.
For the QSPI interface, the AC portion of the electrical characteristics is measured for each group.
Figure 5.53
QSPI Clock Timing
Figure 5.54
Transmit/Receive Timing (CPHA = 0)
Table 5.35
QSPI Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 30 pF
High-drive output is selected by the driving ability control register.
Item
Symbol
Min.
Max.
Unit*1
Test
Conditions*2
QSPI
QSPCLK clock cycle
tQScyc
2
4080
tPBcyc
Figure 5.53
Data input setup time
tSu
6.5
—
ns
Figure 5.54,
Figure 5.55
Data input hold time
tIH
5—
ns
SS setup time
tLEAD
1.5
8.5
tQScyc
SS hold time
tLAG
18
tQScyc
Data output delay time
tOD
—
10.0
ns
Data output hold time
tOH
–5
—
ns
Successive transmission delay time
tTD
18
tQScyc
tQScyc
QSPCLK
output
MSB IN
MSB OUT
LSB OUT
IDLE
DATA
LSB IN
DATA
QSSL
output
QSPCLK
CPOL = 0
output
QSPCLK
CPOL = 1
output
QMI,
QIO0 to QIO3
input
QMO,
QIO0 to QIO3
output
tLEAD
tLAG
tSU
tIH
tOH
tOD
tTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com