Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 200Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 201Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 202Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 203Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 204Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 205Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 206Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 207Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 204 of 228
Oct 24, 2016
RX64M Group
5. Electrical Characteristics
5.5
A/D Conversion Characteristics
Note:
The above specification values apply when there is no access to the external bus during A/D conversion. If access proceeds
during A/D conversion, values may not fall within the above ranges.
Note 1. The conversion time includes the sampling time and the comparison time. As the test conditions, the number of sampling states
is indicated.
Note 2. The value in parentheses indicates the sampling time.
Table 5.45
12-Bit A/D (Unit 0) Conversion Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V,
PCLKB = PCLKC = 1 MHz to 60 MHz, Ta = Topr
Item
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
8
—
12
Bit
Analog input capacitance
—
—
30
pF
Channel-dedicated
sample-and-hold
circuits in use
(AN000 to AN002)
Conversion time*1
(Operation at PCLK = 60 MHz)
Permissible signal source impedance
(max.) = 1.0 k
Ω
1.06
(0.40 + 0.25)
*2
——
μs
 Sampling of channel-
dedicated sample-and-
hold circuits in 24 states
 Sampling in 15 states
Offset error
—
±1.5
±3.5
LSB
AN000 to AN002 = 0.25 V
Full-scale error
—
±1.5
±3.5
LSB
AN000 to AN002 = VREFH0
- 0.25 V
Quantization error
—
±0.5
—
LSB
Absolute accuracy
—
±2.5
±5.5
LSB
DNL differential nonlinearity error
—
±1.0
±2.0
LSB
INL integral nonlinearity error
—
±1.5
±3.0
LSB
Holding characteristics of sample-and-
hold circuits
——
20
μs
Dynamic range
0.25
—
VREFH
0 –
0.25
V
Channel-dedicated
sample-and-hold
circuits not in use
(AN000 to AN007)
Conversion time*1
(Operation at PCLK = 60 MHz)
Permissible signal source impedance
(max.) = 1.0 k
Ω
0.48
(0.267)
*2
——
μs
Sampling in 16 states
Offset error
—
±1.0
±2.5
LSB
Full-scale error
—
±1.0
±2.5
LSB
Quantization error
—
±0.5
—
LSB
Absolute accuracy
—
±2.0
±4.5
LSB
DNL differential nonlinearity error
—
±0.5
±1.5
LSB
INL integral nonlinearity error
—
±1.0
±2.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com