Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 202Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 203Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 204Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 205Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 206Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 207Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 208Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 209Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 206 of 228
Oct 24, 2016
RX64M Group
5. Electrical Characteristics
5.6
D/A Conversion Characteristics
5.7
Temperature Sensor Characteristics
Note 1. Set the S12AD1.ADSSTRT register such that the sampling time of the 12-bit A/D converter satisfies this specification.
Table 5.48
D/A Conversion Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V,
2.7
≤ VREFH0 ≤ AVCC0, VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V,
Ta = Topr
Item
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
12
12
12
Bit
Without AMP
output
Absolute accuracy
—
—
±6.0
LSB
2-M
Ω resistive load
10-bit conversion
DNL differential nonlinearity
error
—
±1.0
±2.0
LSB
2-M
Ω resistive load
RO output resistance
—
7.5
—
k
Ω
Conversion time
—
—
3.0
μs
20-pF capacitive load
With AMP output
Resistive load
5
—
—
k
Ω
Capacitive load
—
50
pF
Output voltage range
0.2
—
AVCC1 – 0.2
V
DNL differential nonlinearity
error
—
±1.0
±2.0
LSB
INL integral nonlinearity error
—
±2.0
±4.0
LSB
Conversion time
—
—
4.0
μs
Table 5.49
Temperature Sensor Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V,
Ta = Topr
Item
Min.
Typ.
Max.
Unit
Test Conditions
Relative accuracy
―
±1
―
°C
Temperature slope
―
3.8
―
mV/°C
Output voltage (at 25°C)
―
1.21
―
V
Temperature sensor start time
――
30
μs
Sampling time*1
4.15
――
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com