Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8235 Datasheet(PDF) 68 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 64Page - Cirrus Logic WM8235 Datasheet HTML 65Page - Cirrus Logic WM8235 Datasheet HTML 66Page - Cirrus Logic WM8235 Datasheet HTML 67Page - Cirrus Logic WM8235 Datasheet HTML 68Page - Cirrus Logic WM8235 Datasheet HTML 69Page - Cirrus Logic WM8235 Datasheet HTML 70Page - Cirrus Logic WM8235 Datasheet HTML 71Page - Cirrus Logic WM8235 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 154 page
background image
WM8235
68
Rev 4.6
REG
NAME
7
6
5
4
3
2
1
0
DEFAULT
R100 (64h) AGC target IN6 MSB
0
0
0
0
0
0
AGC_TARGETIN6[9:8]
00h
R101 (65h) AGC target IN7 LSB
AGC_TARGETIN7[7:0]
00h
R102 (66h) AGC target IN7 MSB
0
0
0
0
0
0
AGC_TARGETIN7[9:8]
00h
R103 (67h) AGC target IN8 LSB
AGC_TARGETIN8[7:0]
00h
R104 (68h) AGC target IN8 MSB
0
0
0
0
0
0
AGC_TARGETIN8[9:8]
00h
R105 (69h) AGC target IN9 LSB
AGC_TARGETIN9[7:0]
00h
R106 (6Ah) AGC target IN9 MSB
0
0
0
0
0
0
AGC_TARGETIN9[9:8]
00h
R107 (6Bh) AGC peak level IN1 LSB
PEAK_IN1[7:0]
00h
R108 (6Ch) AGC peak level IN1 MSB
0
0
0
0
0
0
PEAK_IN1[9:8]
00h
R109 (6Dh) AGC peak level IN2 LSB
PEAK_IN2[7:0]
00h
R110 (6Eh) AGC peak level IN2 MSB
0
0
0
0
0
0
PEAK_IN2[9:8]
00h
R111 (6Fh) AGC peak level IN3 LSB
PEAK_IN3[7:0]
00h
R112 (70h) AGC peak level IN3 MSB
0
0
0
0
0
0
PEAK_IN3[9:8]
00h
R113 (71h) AGC peak level IN4 LSB
PEAK_IN4[7:0]
00h
R114 (72h) AGC peak level IN4 MSB
0
0
0
0
0
0
PEAK_IN4[9:8]
00h
R115 (73h) AGC peak level IN5 LSB
PEAK_IN5[7:0]
00h
R116 (74h) AGC peak level IN5 MSB
0
0
0
0
0
0
PEAK_IN5[9:8]
00h
R117 (75h) AGC peak level IN6 LSB
PEAK_IN6[7:0]
00h
R118 (76h) AGC peak level IN6 MSB
0
0
0
0
0
0
PEAK_IN6[9:8]
00h
R119 (77h) AGC peak level IN7 LSB
PEAK_IN7[7:0]
00h
R120 (78h) AGC peak level IN7 MSB
0
0
0
0
0
0
PEAK_IN7[9:8]
00h
R121 (79h) AGC peak level IN8 LSB
PEAK_IN8[7:0]
00h
R122 (7Ah) AGC peak level IN8 MSB
0
0
0
0
0
0
PEAK_IN8[9:8]
00h
R123 (7Bh) AGC peak level IN9 LSB
PEAK_IN9[7:0]
00h
R124 (7Ch) AGC peak level IN9 MSB
0
0
0
0
0
0
PEAK_IN9[9:8]
00h
R128 (80h) DLL config 1
0
0
DLGAIN[1:0]
0
DLLRST
CKOSTB
AFECKSTB
20h
R129 (81h) DLL config 2
0
0
LVDLGAIN[1:0]
0
0
LVDLLRST
LVDLLSTB
10h
R130 (82h) RSMP rise
0
0
RSMP_RISE[5:0]
1Ch
R131 (83h) RSMP fall
0
0
RSMP_FALL[5:0]
26h
R132 (84h) VSMP rise
0
0
VSMP_RISE[5:0]
00h
R133 (85h) VSMP fall
0
0
VSMP_FALL[5:0]
08h
R134 (86h) TGCKO rise
0
0
TCLKO_RISE[5:0]
37h
R135 (87h) CLK1 rise
0
0
CLK1_RISE[5:0]
0Ah
R136 (88h) CLK1 fall
0
0
CLK1_FALL[5:0]
19h
R137 (89h) CLK2 rise
0
0
CLK2_RISE[5:0]
19h
R138 (8Ah) CLK2fall
0
0
CLK2_FALL[5:0]
28h
R139 (8Bh) CLK3 rise
0
0
CLK3_RISE[5:0]
28h
R140 (8Ch) CLK3 fall
0
0
CLK3_FALL[5:0]
0Ah
R141 (8Dh) CLK4 rise
0
0
CLK4_RISE[5:0]
00h
R142 (8Eh) CLK4 fall
0
0
CLK4_FALL[5:0]
00h
R143 (8Fh) CLK5 rise
0
0
CLK5_RISE[5:0]
0Ah
R144 (90h) CLK5 fall
0
0
CLK5_FALL[5:0]
28h
R145 (91h) CLK6 rise
0
0
CLK6_RISE[5:0]
0Ah
R146 (92h) CLK6 fall
0
0
CLK6_FALL[5:0]
28h
R160 (A0h) TG config 1
OFFSET[3:0]
CYCMD
POLSYNC
TGMD
TG_EN
00h
R161 (A1h) TG config 2
LLENGTH[7:0]
00h
R162 (A2h) TG config 3
0
LLENGTH[14:8]
00h
R163 (A3h) TG config 4
FLAGPIX[7:0]
00h
R164 (A4h) TG config 5
0
FLAGPIX[14:8]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com