Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8235 Datasheet(PDF) 95 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 95 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 91Page - Cirrus Logic WM8235 Datasheet HTML 92Page - Cirrus Logic WM8235 Datasheet HTML 93Page - Cirrus Logic WM8235 Datasheet HTML 94Page - Cirrus Logic WM8235 Datasheet HTML 95Page - Cirrus Logic WM8235 Datasheet HTML 96Page - Cirrus Logic WM8235 Datasheet HTML 97Page - Cirrus Logic WM8235 Datasheet HTML 98Page - Cirrus Logic WM8235 Datasheet HTML 99Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 154 page
background image
WM8235
Rev 4.6
95
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
AGC target
IN3 LSB
IN3[7:0]
Register 5Dh AGC target IN3 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R94 (5Eh)
AGC target
IN3 MSB
1:0
AGC_TARGET
IN3[9:8]
00
MSBs of AGC target level for IN3
Register 5Eh AGC target IN3 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R95 (5Fh)
AGC target
IN4 LSB
7:0
AGC_TARGET
IN4[7:0]
0000_0000
LSBs of AGC target level for IN4
Register 5Fh AGC target IN4 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R96 (60h)
AGC target
IN4 MSB
1:0
AGC_TARGET
IN4[9:8]
00
MSBs of AGC target level for IN4
Register 60h AGC target IN4 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R97 (61h)
AGC target
IN5 LSB
7:0
AGC_TARGET
IN5[7:0]
0000_0000
LSBs of AGC target level for IN5
Register 61h AGC target IN5 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R98 (62h)
AGC target
IN5 MSB
1:0
AGC_TARGET
IN5[9:8]
00
MSBs of AGC target level for IN5
Register 62h AGC target IN5 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R99 (63h)
AGC target
IN6 LSB
7:0
AGC_TARGET
IN6[7:0]
0000_0000
LSBs of AGC target level for IN6
Register 63h AGC target IN6 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com