Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8235 Datasheet(PDF) 93 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 93 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 89Page - Cirrus Logic WM8235 Datasheet HTML 90Page - Cirrus Logic WM8235 Datasheet HTML 91Page - Cirrus Logic WM8235 Datasheet HTML 92Page - Cirrus Logic WM8235 Datasheet HTML 93Page - Cirrus Logic WM8235 Datasheet HTML 94Page - Cirrus Logic WM8235 Datasheet HTML 95Page - Cirrus Logic WM8235 Datasheet HTML 96Page - Cirrus Logic WM8235 Datasheet HTML 97Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 154 page
background image
WM8235
Rev 4.6
93
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R84 (54h)
BLC control
4
1:0
BPIX_AVAIL[9:8
]
00
MSBs of the number of black-pixels available over which to
perform the coarse and/or fine adjust calibration
00_0000_0000 = no pixel available
11_1111_1111 = 1023 pixels
Register 54h BLC control 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R85 (55h)
BLC control 5
7:0
LINE_DEL[7:0]
0000_0000
LSBs of the number of lines from the start of a frame to
delay the start of BLC operation
0_0000_0000 = no delay
1_1111_1111 = 511 line
Register 55h BLC control 5
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R86 (56h)
BLC control 6
0
LINE_DEL[8]
0
MSBs of the number of lines from the start of aframe to
delay the start of BLC operation
0_0000_0000 = no delay
1_1111_1111 = 511 line
Register 56h BLC control 6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R87 (57h)
AGC config 1
7:4
AGCAVE[3:0]
0000
averaging factor before peak detection
0000 = no average
0001 = 2
0010 = 4
0011 = 8
…
1010 = 1024
1011 = reserved
1100 = reserved
1101 = reserved
1110 = reserved
1111 = reserved
2
AGC_ERRFLAG
0
AGC error flag
0 = no error detected
1 = AGC finish with error
1
AGC_ENDFLAG
0
AGC end flag
0 = not end or not run
1 = AGC sequence was done
0
AGC_EN
0
AGC enable
0 = disable
1 = enable
Register 57h AGC config 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com