Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8235 Datasheet(PDF) 98 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 98 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 94Page - Cirrus Logic WM8235 Datasheet HTML 95Page - Cirrus Logic WM8235 Datasheet HTML 96Page - Cirrus Logic WM8235 Datasheet HTML 97Page - Cirrus Logic WM8235 Datasheet HTML 98Page - Cirrus Logic WM8235 Datasheet HTML 99Page - Cirrus Logic WM8235 Datasheet HTML 100Page - Cirrus Logic WM8235 Datasheet HTML 101Page - Cirrus Logic WM8235 Datasheet HTML 102Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 154 page
background image
WM8235
98
Rev 4.6
Register 70h AGC peak level IN3 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R113 (71h)
AGC peak
level IN4
LSB
7:0
PEAK_IN4[7:0]
0000_0000
LSBs of detected peak level of IN4 (Read Only)
Register 71h AGC peak level IN4 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R114 (72h)
AGC peak
level IN4
MSB
1:0
PEAK_IN4[9:8]
00
MSBs of detected peak level of IN4 (Read Only)
Register 72h AGC peak level IN4 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R115 (73h)
AGC peak
level IN5
LSB
7:0
PEAK_IN5[7:0]
0000_0000
LSBs of detected peak level of IN5 (Read Only)
Register 73h AGC peak level IN5 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R116 (74h)
AGC peak
level IN5
MSB
1:0
PEAK_IN5[9:8]
00
MSBs of detected peak level of IN5 (Read Only)
Register 74h AGC peak level IN5 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R117 (75h)
AGC peak
level IN6
LSB
7:0
PEAK_IN6[7:0]
0000_0000
LSBs of detected peak level of IN6 (Read Only)
Register 75h AGC peak level IN6 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R118 (76h)
AGC peak
level IN6
MSB
1:0
PEAK_IN6[9:8]
00
MSBs of detected peak level of IN6 (Read Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com