Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8235 Datasheet(PDF) 84 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 84 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 80Page - Cirrus Logic WM8235 Datasheet HTML 81Page - Cirrus Logic WM8235 Datasheet HTML 82Page - Cirrus Logic WM8235 Datasheet HTML 83Page - Cirrus Logic WM8235 Datasheet HTML 84Page - Cirrus Logic WM8235 Datasheet HTML 85Page - Cirrus Logic WM8235 Datasheet HTML 86Page - Cirrus Logic WM8235 Datasheet HTML 87Page - Cirrus Logic WM8235 Datasheet HTML 88Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 154 page
background image
WM8235
84
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
DAC IN4
250 * (DACIN4[7:0] -127.5) / 127.5 [mV]
Register 27h DAC IN4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R40 (28h)
DAC IN5
7:0
DACIN5[7:0]
1000_0000
DACIN5offset value
250 * (DACIN5[7:0] -127.5) / 127.5 [mV]
Register 28h DAC IN5
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R41 (29h)
DAC IN6
7:0
DACIN6[7:0]
1000_0000
DACIN6 offset value
250 * (DACIN6[7:0] -127.5) / 127.5 [mV]
Register 29h DAC IN6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R42 (2Ah)
DAC IN7
7:0
DACIN7[7:0]
1000_0000
DACIN7offset value
250 * (DACIN7[7:0] -127.5) / 127.5 [mV]
Register 2Ah DAC IN7
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R43 (2Bh)
DAC IN8
7:0
DACIN8[7:0]
1000_0000
DACIN8offset value
250 * (DACIN8[7:0] -127.5) / 127.5 [mV]
Register 2Bh DAC IN8
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R44 (2Ch)
DAC IN9
7:0
DACIN9[7:0]
1000_0000
DACIN9offset value
250 * (DACIN9[7:0] -127.5) / 127.5 [mV]
Register 2Ch DAC IN9
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R45 (2Dh)
AGAIN IN1
4:0
AGAININ1[4:0]
0_0001
PGAIN1 gain control
gain(V/V) = 0.6 + 0.3*AGAIN*[4:0]
Register 2Dh AGAIN IN1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R46 (2Eh)
AGAIN IN2
4:0
AGAININ2[4:0]
0_0001
PGA IN2 gain code
gain(V/V) = 0.6 + 0.3*AGAIN*[4:0]
Register 2Eh AGAIN IN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com