Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8235 Datasheet(PDF) 20 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 16Page - Cirrus Logic WM8235 Datasheet HTML 17Page - Cirrus Logic WM8235 Datasheet HTML 18Page - Cirrus Logic WM8235 Datasheet HTML 19Page - Cirrus Logic WM8235 Datasheet HTML 20Page - Cirrus Logic WM8235 Datasheet HTML 21Page - Cirrus Logic WM8235 Datasheet HTML 22Page - Cirrus Logic WM8235 Datasheet HTML 23Page - Cirrus Logic WM8235 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 154 page
background image
WM8235
20
Rev 4.6
OFFSET ADJUST AND PROGRAMMABLE GAIN
The output from the CDS block is a differential signal, which is added to the output of an 8-bit Offset
DAC to compensate for offsets and then amplified by a 12-bit PGA. The gain and offset for each
channel are independently programmable by writing to control bits DACINP[7:0] for the Offset DAC,
and AGAIN[4:0] and DGAIN[11:0] for the PGA.
The gain characteristic of the WM8235 PGA is shown in Figure 14.
0
8
16
24
31
3.0
5.4
GAIN CODE (AGAIN[4:0])
0.6
7.8
9.9
9.9V/V
0.6V/V
32step
1024
2048
3072
4095
1.0
1.99
GAIN CODE (DGAIN[11:0])
0.5
1.99V/V
0.5V/V
3072
step
APGA = 0.6 + 0.3 * AGAIN[4:0]
DPGA = DGAIN[11:0] / 2^11
Total Gain Range
0.3V/V≦ APGA*DPGA < 19.8V/V
Figure 14 PGA Gain Characteristic
ADC INPUT BLACK LEVEL ADJUST
The output from the PGA can be offset to match the full-scale range of the differential ADC
(1.5*[VREF1C-VREF3C]).
For negative-going input video signals, a black level (zero differential) output from the PGA should be
offset to the top of the ADC range by setting register bits PGAFS=0. For positive going input signals
the black level should be offset to the bottom of the ADC range by setting PGAFS=1.
1.33V
or
2.0V
VRLC/VBIAS
VIN (INPx)
PGAFS= 0, PGA gain=0.9V/V, Offset = 0V
Output code
= (VRLC - VIN) * Gain * 65535/(1.5*[VREF1C-VREF3C])
OP=0
OP=65535
OP=32768
VRLC/VBIAS
VIN (INPx)
PGAFS= 1, PGA gain=0.9V/V, Offset = 0V
Output code
= (VIN - VRLC) * Gain * 65535/(1.5*[VREF1C-VREF3C])
OP=0
OP=65535
OP=32768
1.33V
or
2.0V
Figure 15 ADC Input Black Level Adjust Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com