Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8310 Datasheet(PDF) 52 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 48Page - Cirrus Logic WM8310 Datasheet HTML 49Page - Cirrus Logic WM8310 Datasheet HTML 50Page - Cirrus Logic WM8310 Datasheet HTML 51Page - Cirrus Logic WM8310 Datasheet HTML 52Page - Cirrus Logic WM8310 Datasheet HTML 53Page - Cirrus Logic WM8310 Datasheet HTML 54Page - Cirrus Logic WM8310 Datasheet HTML 55Page - Cirrus Logic WM8310 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
52
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
010 = 4
011 = 8
1XX = 16
000 recommended for high FREF
011 recommended for low FREF
R16532 (4094h)
FLL Control 3
15:0
FLL_K [15:0]
0000h
Fractional multiply for FREF
(MSB = 0.5)
R16533 (4095h)
FLL Control 4
14:5
FLL_N [9:0]
177h
Integer multiply for FREF
(LSB = 1)
3:0
FLL_GAIN
[3:0]
0000
Gain applied to error
0000 = x 1 (Recommended value)
0001 = x 2
0010 = x 4
0011 = x 8
0100 = x 16
0101 = x 32
0110 = x 64
0111 = x 128
1XXX = x 256
Recommended that this register is
not changed from default.
R16534 (4096h)
FLL Control 5
4:3
FLL_CLK_RE
F_DIV [1:0]
00
FLL Clock Reference Divider
00 = 1
01 = 2
10 = 4
11 = 8
CLKIN must be divided down to
<=13.5MHz.
For lower power operation, the
reference clock can be divided
down further if desired.
1:0
FLL_CLK_SR
C [1:0]
00
FLL Clock source
00 = 32.768kHz xtal oscillator
01 = CLKIN
10 = Reserved
11 = Reserved
Table 20 FLL Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com