Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8310 Datasheet(PDF) 41 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 37Page - Cirrus Logic WM8310 Datasheet HTML 38Page - Cirrus Logic WM8310 Datasheet HTML 39Page - Cirrus Logic WM8310 Datasheet HTML 40Page - Cirrus Logic WM8310 Datasheet HTML 41Page - Cirrus Logic WM8310 Datasheet HTML 42Page - Cirrus Logic WM8310 Datasheet HTML 43Page - Cirrus Logic WM8310 Datasheet HTML 44Page - Cirrus Logic WM8310 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
41
12 CONTROL INTERFACE
12.1 GENERAL DESCRIPTION
The WM8310 is controlled by writing to its control registers. Readback is available for all registers,
including Chip ID, power management status and GPIO status. The control interface can operate as a
2-wire (I2C) or 4-wire (SPI) control interface. Readback is provided on the bi-directional pin SDA1 in
2-wire (I2C) mode. The WM8310 Control Interface is powered by the DBVDD power domain.
The control interface mode is determined by the logic level on the CIFMODE pin as shown in Table 9.
CIFMODE
INTERFACE FORMAT
Low
2-wire (I2C) mode
High
4-wire (SPI) mode
Table 9 Control Interface Mode Selection
12.2 2-WIRE (I2C) CONTROL MODE
In 2-wire (I2C) mode, the WM8310 is a slave device on the control interface; SCLK1 is a clock input,
while SDA1 is a bi-directional data pin. To allow arbitration of multiple slaves (and/or multiple
masters) on the same interface, the WM8310 transmits logic 1 by tri-stating the SDA1 pin, rather than
pulling it high. An external pull-up resistor is required to pull the SDA1 line high so that the logic 1 can
be recognised by the master.
In order to allow many devices to share a single 2-wire control bus, every device on the bus has a
unique 8-bit device ID (this is not the same as the 16-bit address of each register in the WM8310).
The device ID is determined by the logic level on the CS
¯¯ pin as shown in Table 10. The LSB of the
device ID is the Read/Write bit; this bit is set to logic 1 for “Read” and logic 0 for “Write”.
CS
¯¯
DEVICE ID
Low
0110 100x = 68h(write) / 69h(read)
High
0110 110x = 6Ch(write) / 6Dh(read)
Table 10 Control Interface Device ID Selection
The WM8310 operates as a slave device only. The controller indicates the start of data transfer with a
high to low transition on SDA1 while SCLK1 remains high. This indicates that a device ID, register
address and data will follow. The WM8310 responds to the start condition and shifts in the next eight
bits on SDA1 (8-bit device ID including Read/Write bit, MSB first). If the device ID received matches
the device ID of the WM8310, then the WM8310 responds by pulling SDA1 low on the next clock
pulse (ACK). If the device ID is not recognised or the R/W bit is set incorrectly, the WM8310 returns to
the idle condition and waits for a new start condition and valid address.
If the device ID matches the device ID of the WM8310, the data transfer continues as described
below. The controller indicates the end of data transfer with a low to high transition on SDA1 while
SCLK1 remains high. After receiving a complete address and data sequence the WM8310 returns to
the idle state and waits for another start condition. If a start or stop condition is detected out of
sequence at any point during data transfer (i.e. SDA1 changes while SCLK1 is high), the device
returns to the idle condition.
The WM8310 supports the following read and write operations:
Single write
Single read
Multiple write using auto-increment
Multiple read using auto-increment
The sequence of signals associated with a single register write operation is illustrated in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com