Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8310 Datasheet(PDF) 35 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 31Page - Cirrus Logic WM8310 Datasheet HTML 32Page - Cirrus Logic WM8310 Datasheet HTML 33Page - Cirrus Logic WM8310 Datasheet HTML 34Page - Cirrus Logic WM8310 Datasheet HTML 35Page - Cirrus Logic WM8310 Datasheet HTML 36Page - Cirrus Logic WM8310 Datasheet HTML 37Page - Cirrus Logic WM8310 Datasheet HTML 38Page - Cirrus Logic WM8310 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
35
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
ON_SW_REQ
0
Most recent WAKE event type
0 = Not caused by software WAKE
1 = Caused by software WAKE
command (CHIP_SLP = 0)
5
ON_RTC_ALM
0
Most recent ON/WAKE event type
0 = Not caused by RTC Alarm
1 = Caused by RTC Alarm
4
ON_ON_PIN
0
Most recent ON/WAKE event type
0 = Not caused by the ON pin
1 = Caused by the ON pin
3
RESET_CNV_UV
0
Most recent ON event type
0 = Not caused by undervoltage
1 = Caused by a Device Reset due
to a Converter (LDO or DC-DC)
undervoltage condition
2
RESET_SW
0
Most recent ON event type
0 = Not caused by Software Reset
1 = Caused by Software Reset
1
RESET_HW
0
Most recent ON event type
0 = Not caused by Hardware
Reset
1 = Caused by Hardware Reset
0
RESET_WDOG
0
Most recent ON event type
0 = Not caused by the Watchdog
1 = Caused by a Device Reset
triggered by the Watchdog timer
R16399
(400Fh)
OFF Source
13
OFF_INTLDO_ERR
0
Most recent OFF event type
0 = Not caused by LDO13 Error
condition
1 = Caused by LDO13 Error
condition
12
OFF_PWR_SEQ
0
Most recent OFF event type
0 = Not caused by Power
Sequence Failure
1 = Caused by a Power Sequence
Failure
11
OFF_GPIO
0
Most recent OFF event type
0 = Not caused by GPIO input
1 = Caused by GPIO input
10
OFF_SYSVDD
0
Most recent OFF event type
0 = Not caused by SYSVDD
1 = Caused by the SYSLO or
SHUTDOWN threshold
9
OFF_THERR
0
Most recent OFF event type
0 = Not caused by temperature
1 = Caused by over-temperature
6
OFF_SW_REQ
0
Most recent OFF event type
0 = Not caused by software OFF
1 = Caused by software OFF
command (CHIP_ON = 0)
4
OFF_ON_PIN
0
Most recent OFF event type
0 = Not caused by the ON pin
1 = Caused by the ON pin
Table 2 Power State Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com