Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8310 Datasheet(PDF) 81 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 81 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 77Page - Cirrus Logic WM8310 Datasheet HTML 78Page - Cirrus Logic WM8310 Datasheet HTML 79Page - Cirrus Logic WM8310 Datasheet HTML 80Page - Cirrus Logic WM8310 Datasheet HTML 81Page - Cirrus Logic WM8310 Datasheet HTML 82Page - Cirrus Logic WM8310 Datasheet HTML 83Page - Cirrus Logic WM8310 Datasheet HTML 84Page - Cirrus Logic WM8310 Datasheet HTML 85Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
81
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:2
DC4_RANG
E[1:0]
01
Selects the voltage range for DC-DC4
00 = 20V < VOUT <= 30V
01 = 10V < VOUT <= 20V
10 = 6.5V < VOUT <= 10V
11 = Reserved
Protected by user key
0
DC4_FBSRC
0
DC-DC4 Voltage Feedback source
0 = ISINK1
1 = ISINK2
R16485 (4065h)
DC4 SLEEP
Control
8
DC4_SLPEN
A
0
DC-DC4 SLEEP Enable
0 = Disabled
1 = Controlled by DC4_ENA
Table 37 DC-DC (Boost) Converter Control
15.12.4 LDO REGULATOR CONTROL
The register controls for configuring the LDO Regulators 1-6 are defined in Table 38.
Note that the LDOn_ON_SLOT and LDOn_ON_VSEL fields may also be stored in the integrated OTP
memory. See Section 14 for details.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16488 (4068h)
LDO1 Control
15:14
LDO1_ERR_
ACT [1:0]
00
LDO1 Error Action (Undervoltage)
00 = Ignore
01 = Shut down regulator
10 = Shut down system (Device Reset)
11 = Reserved
Note that an Interrupt is always raised.
12:11
LDO1_HWC
_SRC [1:0]
00
LDO1 Hardware Control Source
00 = Disabled
01 = Hardware Control 1
10 = Hardware Control 2
11 = Hardware Control 1 or 2
10
LDO1_HWC
_VSEL
0
LDO1 Hardware Control Voltage select
0 = Set by LDO1_ON_VSEL
1 = Set by LDO1_SLP_VSEL
9:8
LDO1_HWC
_MODE
10
LDO1 Hardware Control Operating
Mode
00 = Low Power mode
01 = Turn converter off
10 = Low Power mode
11 = Set by LDO1_ON_MODE
7
LDO1_FLT
0
LDO1 Output float
0 = LDO1 output discharged when
disabled
1 = LDO1 output floating when disabled
6
LDO1_SWI
0
LDO1 Switch Mode
0 = LDO mode
1 = Switch mode
0
LDO1_LP_M
ODE
0
LDO1 Low Power Mode Select
0 = 50mA (reduced quiescent current)
1 = 20mA (minimum quiescent current)
Selects which Low Power mode is used
in ON, SLEEP, or under HWC modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com