Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8310 Datasheet(PDF) 70 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 70 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 66Page - Cirrus Logic WM8310 Datasheet HTML 67Page - Cirrus Logic WM8310 Datasheet HTML 68Page - Cirrus Logic WM8310 Datasheet HTML 69Page - Cirrus Logic WM8310 Datasheet HTML 70Page - Cirrus Logic WM8310 Datasheet HTML 71Page - Cirrus Logic WM8310 Datasheet HTML 72Page - Cirrus Logic WM8310 Datasheet HTML 73Page - Cirrus Logic WM8310 Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
70
The operating mode of the LDO Regulators in the ON power state is selected using the
LDOn_ON_MODE register fields. The operating mode of the LDO Regulators in the SLEEP power
state is selected using the LDOn_SLP_MODE register fields.
For the standard LDOs, LDO1 - LDO6, two different Low Power modes are provided, offering limited
load current capability and reduced quiescent current. When Low Power mode is selected in the ON
or SLEEP power states, then the LDOn_LP_MODE register bits determine which Low Power mode is
selected.
Note that the operating mode and output voltage of the LDO Regulators may also be controlled by the
Hardware Control inputs. The Hardware Control inputs are alternate functions supported via GPIO.
See Section 15.9 for details of Hardware Control.
15.5 OUTPUT VOLTAGE CONTROL
15.5.1
DC-DC SYNCHRONOUS BUCK CONVERTERS
The output voltage of the DC-DC Converters 1-3 in the ON power state is selected using the
DCm_ON_VSEL register fields. The output voltage of these converters in the SLEEP power state is
selected using the DCm_SLP_VSEL register fields.
DC-DC Converters 1 and 2 support two different switching frequencies, as described in Section 15.6.
Note that the supported output voltage range for these converters is restricted in the 4MHz mode; for
output voltages greater than 1.4V, the 2MHz mode must be used.
The DC-DC Converters are dynamically programmable - the output voltage may be adjusted in
software at any time. These converters are step-down converters; their output voltage can therefore
be lower than the input voltage, but cannot be higher.
Note that the output voltage of DC-DC Converters 1 and 2 may also be controlled using the Dynamic
Voltage Scaling features described in Section 15.6. Software control (using register writes) and
hardware control (using the Hardware DVS Control inputs supported via GPIO) is supported.
Note that the output voltage of the DC-DC Converters may also be controlled by the Hardware
Control inputs. The Hardware Control inputs are alternate functions supported via GPIO. See
Section 15.9 for details of Hardware Control.
When changing the output voltage of DC-DC Converters 1 and 2, the GPIO output “DC-DCm DVS
Done” can be used to confirm the DVS Control has completed; see Section 15.6 for details.
15.5.2
DC-DC BOOST CONVERTERS
The output voltage of the DC-DC4 Boost Converter is set as described in Section 15.4.3. The voltage
is not commanded directly, but is regulated automatically by the WM8310 in order to support the
current that has been commanded for the selected Current Sink (ISINK).
15.5.3
LDO REGULATORS 1-10
The output voltage of the LDO Regulators 1-10 in the ON power state is selected using the
LDOn_ON_VSEL register fields. The output voltage of the LDO Regulators in the SLEEP power state
is selected using the LDOn_SLP_VSEL register fields.
The LDO Regulators are dynamically programmable - the output voltage may be adjusted in software
at any time.
Note that the output voltage of the LDO Regulators may also be controlled by the Hardware Control
inputs. The Hardware Control inputs are alternate functions supported via GPIO. See Section 15.9 for
details of Hardware Control.
15.5.4
LDO REGULATOR 11
The output voltage of LDO11 can be set in two ways - it can be commanded directly, or it can be
commanded to follow the DC-DC Converter 1 output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com