Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8310 Datasheet(PDF) 31 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 27Page - Cirrus Logic WM8310 Datasheet HTML 28Page - Cirrus Logic WM8310 Datasheet HTML 29Page - Cirrus Logic WM8310 Datasheet HTML 30Page - Cirrus Logic WM8310 Datasheet HTML 31Page - Cirrus Logic WM8310 Datasheet HTML 32Page - Cirrus Logic WM8310 Datasheet HTML 33Page - Cirrus Logic WM8310 Datasheet HTML 34Page - Cirrus Logic WM8310 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
31
PROGRAM - This is a special operating state which is used for programming the integrated OTP
memory with the device configuration data. The settings stored in the OTP define the device
configuration in the ON state, and also the time/sequencing data associated with ON/OFF power
state transitions. See Section 14 for details of the OTP features.
The valid power state transitions are illustrated in Figure 4.
Figure 4 Power States and Transitions
State transitions to/from the NO POWER state are controlled automatically by the internal supply
(VPMIC) voltage generated by LDO12. The device is in the NO POWER state when this voltage is
below the Power-On Reset (POR) threshold. See Section 24 for more details on Power-On Reset.
State transitions to/from the BACKUP state are controlled automatically by the internal supply
(VPMIC) voltage generated by LDO12. The device is in the BACKUP state when this voltage is below
the Device Reset threshold. See Section 24 for more details on Resets.
State transitions to/from the PROGRAM state are required to follow specific control sequences. See
Section 14 for details of the PROGRAM functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com