Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8310 Datasheet(PDF) 89 Page - Cirrus Logic

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8310 Datasheet(HTML) 89 Page - Cirrus Logic

Back Button WM8310 Datasheet HTML 85Page - Cirrus Logic WM8310 Datasheet HTML 86Page - Cirrus Logic WM8310 Datasheet HTML 87Page - Cirrus Logic WM8310 Datasheet HTML 88Page - Cirrus Logic WM8310 Datasheet HTML 89Page - Cirrus Logic WM8310 Datasheet HTML 90Page - Cirrus Logic WM8310 Datasheet HTML 91Page - Cirrus Logic WM8310 Datasheet HTML 92Page - Cirrus Logic WM8310 Datasheet HTML 93Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
89
15.12.5 EXTERNAL POWER ENABLE (EPE) CONTROL
The register controls for configuring the External Power Enable (EPE) outputs are defined in Table
41.
Note that the EPE1_ON_SLOT and EPE2_ON_SLOT fields may also be stored in the integrated OTP
memory. See Section 14 for details.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16486 (4066h)
EPE1 Control
15:13
EPE1_ON_S
LOT [2:0]
000
EPE1 ON Slot select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Controlled by Hardware Enable 1
111 = Controlled by Hardware Enable 2
12:11
EPE1_HWC
_SRC [1:0]
00
EPE1 Hardware Control Source
00 = Disabled
01 = Hardware Control 1
10 = Hardware Control 2
11 = Hardware Control 1 or 2
8
EPE1_HWC
ENA
0
EPE1 Hardware Control Enable
0 = EPE1 is controlled by EPE1_ENA
(Hardware Control input(s) are ignored)
1 = EPE1 is controlled by HWC inputs
(Hardware Control input(s) force EPE1
to be de-asserted)
7:5
EPE1_SLP_
SLOT [2:0]
000
EPE1 SLEEP Slot select
000 = No action
001 = Disable in Timeslot 5
010 = Disable in Timeslot 4
011 = Disable in Timeslot 3
100 = Disable in Timeslot 2
101 = Disable in Timeslot 1
110 = No action
111 = No action
R16487 (4067h)
EPE2 Control
15:13
EPE2_ON_S
LOT [2:0]
000
Same as EPE1
12:11
EPE2_HWC
_SRC [1:0]
00
Same as EPE1
8
EPE2_HWC
ENA
0
Same as EPE1
7:5
EPE2_SLP_
SLOT [2:0]
000
Same as EPE1
Table 41 External Power Enable (EPE) Control
15.12.6 MONITORING AND FAULT REPORTING
The overvoltage, undervoltage and high current status registers are defined in Table 42.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16468 (4054h)
DCDC UV
Status
13
DC2_OV_ST
S
0
DC-DC2 Overvoltage Status
0 = Normal
1 = Overvoltage
12
DC1_OV_ST
S
0
DC-DC1 Overvoltage Status
0 = Normal
1 = Overvoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com