Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705J2 Datasheet(PDF) 34 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 34 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 30Page - Motorola, Inc HC705J2 Datasheet HTML 31Page - Motorola, Inc HC705J2 Datasheet HTML 32Page - Motorola, Inc HC705J2 Datasheet HTML 33Page - Motorola, Inc HC705J2 Datasheet HTML 34Page - Motorola, Inc HC705J2 Datasheet HTML 35Page - Motorola, Inc HC705J2 Datasheet HTML 36Page - Motorola, Inc HC705J2 Datasheet HTML 37Page - Motorola, Inc HC705J2 Datasheet HTML 38Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
MC68HC705J2
CENTRAL PROCESSOR UNIT
MOTOROLA
4-15
Bit test and branch instructions cause a branch based on the condition of any
readable bit in the first 256 memory locations. These three-byte instructions use
a combination of direct addressing and relative addressing. The direct address
of the byte to be tested is in the byte following the opcode. The third byte is the
signed offset byte. The CPU finds the conditional branch destination by adding
the third byte to the program counter if the specified bit tests true. The bit to be
tested and its condition (set or clear) is part of the opcode.
The span of
branching is from –128 to +127 from the address of the next location after the
branch instruction. The CPU also transfers the tested bit to the carry/borrow bit
of the condition code register. Table 4-9 lists the jump and branch instructions.
Table 4-9. Jump and Branch Instructions
Instruction
Mnemonic
Branch Always
BRA
Branch Never
BRN
Branch if Bit n of M = 0
BRCLR
Branch if Bit n of M = 1
BRSET
Branch if Higher
BHI
Branch if Lower or Same
BLS
Branch if Carry Clear
BCC
Branch if Higher or Same
BHS
Branch if Carry Set
BCS
Branch if Lower
BLO
Branch if Not Equal
BND
Branch if Equal
BEQ
Branch if Half-Carry Clear
BHCC
Branch if Half-Carry Set
BHCS
Branch if Plus
BPL
Branch if Minus
BMI
Branch if Interrupt Mask Clear
BMC
Branch if Interrupt Mask Set
BMS
Branch if Interrupt Line Low
BIL
Branch if Interrupt Line High
BIH
Branch to Subroutine
BSR
Jump Unconditional
JMP
Jump to Subroutine
JSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com