Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705J2 Datasheet(PDF) 13 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 9Page - Motorola, Inc HC705J2 Datasheet HTML 10Page - Motorola, Inc HC705J2 Datasheet HTML 11Page - Motorola, Inc HC705J2 Datasheet HTML 12Page - Motorola, Inc HC705J2 Datasheet HTML 13Page - Motorola, Inc HC705J2 Datasheet HTML 14Page - Motorola, Inc HC705J2 Datasheet HTML 15Page - Motorola, Inc HC705J2 Datasheet HTML 16Page - Motorola, Inc HC705J2 Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
MOTOROLA
PIN
DESCRIPTIONS
MC68HC705J2
2-2
2.1 VDD and VSS
VDD and VSS are the power supply and ground pins. The MCU operates from a
single 5-V power supply.
Very fast signal transitions occur on the MCU pins. The short rise and fall times
place very high short-duration current demands on the power supply.
To
prevent noise problems, take special care to provide good power supply
bypassing at the MCU.
Use bypass capacitors with good high-frequency
characteristics, and position them as close to the MCU as possible. Bypassing
requirements vary, depending on how heavily loaded the MCU pins are.
2.2 OSC1 and OSC2
The OSC1 and OSC2 pins are the control connections for the on-chip oscillator.
Connect any of the following to the OSC1 and OSC2 pins:
• A crystal (Refer to Figure 2-2.)
• A ceramic resonator (Refer to Figure 2-2.)
• An external clock signal (Refer to Figure 2-3.)
The MCU divides the frequency, fosc, of the oscillator or external clock source
by two to produce the internal operating frequency, fop.
2.2.1 Crystal
The circuit in Figure 2-2 shows a typical crystal oscillator circuit for a parallel
resonant crystal. Follow the crystal supplier's recommendations, as the crystal
parameters determine the external component values required to provide
maximum stability and reliable start-up. The load capacitance values used in
the oscillator circuit design should include all stray layout capacitances. Mount
the crystal and components as close as possible to the pins for start-up
stabilization and to minimize output distortion.
2.2.2 Ceramic Resonator
In cost-sensitive applications, use a ceramic resonator in place of the crystal.
Use the circuit in Figure 2-2 for a ceramic resonator, and follow the resonator
manufacturer's recommendations, as the resonator parameters determine the
external component values required for maximum stability and reliable starting.
The load capacitance values used in the oscillator circuit design should include
all stray layout capacitances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com