Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705J2 Datasheet(PDF) 21 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 21 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 17Page - Motorola, Inc HC705J2 Datasheet HTML 18Page - Motorola, Inc HC705J2 Datasheet HTML 19Page - Motorola, Inc HC705J2 Datasheet HTML 20Page - Motorola, Inc HC705J2 Datasheet HTML 21Page - Motorola, Inc HC705J2 Datasheet HTML 22Page - Motorola, Inc HC705J2 Datasheet HTML 23Page - Motorola, Inc HC705J2 Datasheet HTML 24Page - Motorola, Inc HC705J2 Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
MOTOROLA
CENTRAL PROCESSOR UNIT
MC68HC705J2
4-2
4.1.1 Accumulator
The accumulator is a general-purpose 8-bit register.
The
CPU uses the
accumulator to hold operands and results of arithmetic and nonarithmetic
operations.
4.1.2 Index Register
The 8-bit index register can perform two functions:
• Indexed addressing
• Temporary storage
In indexed addressing, the CPU uses the byte in the index register to determine
the conditional address of the operand.
See 4.3.5 Indexed, No Offset,
4.3.6 Indexed, 8-Bit Offset, and 4.3.7 Indexed, 16-Bit Offset.
The index register can also serve as an auxiliary accumulator for temporary
storage.
4.1.3 Stack Pointer
The stack pointer is a 16-bit register that contains the address of the next free
location on the stack. During a reset or after the reset stack pointer (RSP)
instruction, the stack pointer contents are preset to $00FF. The address in the
stack pointer decrements as data is pushed onto the stack and increments as
data is pulled from the stack.
The ten most significant bits of the stack pointer are permanently fixed at
0000000011, so the stack pointer produces addresses from $00C0 to $00FF. If
subroutines and interrupts use more than 64 stack locations, the stack pointer
wraps around to address $00C0 and begins writing over the previously stored
data. A subroutine uses two stack locations; an interrupt uses five locations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com