Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705J2 Datasheet(PDF) 30 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 30 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 26Page - Motorola, Inc HC705J2 Datasheet HTML 27Page - Motorola, Inc HC705J2 Datasheet HTML 28Page - Motorola, Inc HC705J2 Datasheet HTML 29Page - Motorola, Inc HC705J2 Datasheet HTML 30Page - Motorola, Inc HC705J2 Datasheet HTML 31Page - Motorola, Inc HC705J2 Datasheet HTML 32Page - Motorola, Inc HC705J2 Datasheet HTML 33Page - Motorola, Inc HC705J2 Datasheet HTML 34Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 78 page
background image
MC68HC705J2
CENTRAL PROCESSOR UNIT
MOTOROLA
4-11
4.3.8 Relative
The relative addressing mode is only for branch instructions and bit test and
branch instructions.
The CPU finds the conditional branch destination by
adding the signed byte following the opcode to the contents of the program
counter if the branch condition is true. If the branch condition is not true, the
CPU goes to the next instruction.
To permit branching either forward or
backward, the offset is a signed, two's complement byte that gives a branching
range of –127 to +128 bytes from the address of the next location after the
branch instruction.
When using the Motorola assembler, the programmer does not need to
calculate the offset, because the assembler determines the proper offset and
verifies that it is within the span of the branch. Table 4-6 lists the instructions
that use the relative addressing mode.
Table 4-6. Relative Addressing Instructions
Instruction
Mnemonic
Branch if Carry Clear
BCC
Branch if Carry Set
BCS
Branch if Equal
BEQ
Branch if Half-Carry Clear
BHCC
Branch if Half-Carry Set
BHCS
Branch if Higher
BHI
Branch if Higher or Same
BHS
Branch if Interrupt Line iHigh
BIH
Branch if Interrupt Line Low
BIL
Branch if Lower
BLO
Branch if Lower or Same
BLS
Branch if Interrupt Mask Clear
BMC
Branch if Minus
BMI
Branch if Interrupt Mask Set
BMS
Branch if Not Equal
BNE
Branch if Plus
BPL
Branch Always
BRA
Branch if Bit n Clear
BRCLR
Branch if Bit n Set
BRSET
Branch Never
BRN
Branch to Subroutine
BSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com