Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705J2 Datasheet(PDF) 65 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 65 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 61Page - Motorola, Inc HC705J2 Datasheet HTML 62Page - Motorola, Inc HC705J2 Datasheet HTML 63Page - Motorola, Inc HC705J2 Datasheet HTML 64Page - Motorola, Inc HC705J2 Datasheet HTML 65Page - Motorola, Inc HC705J2 Datasheet HTML 66Page - Motorola, Inc HC705J2 Datasheet HTML 67Page - Motorola, Inc HC705J2 Datasheet HTML 68Page - Motorola, Inc HC705J2 Datasheet HTML 69Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 78 page
background image
MC68HC705J2
BOOTLOADER
MODE
MOTOROLA
8-3
Complete the following steps to bootload the MCU:
1. Turn off all power to the circuit.
2. Install the MCU and the EPROM.
3. Select the MCU mode:
a. Install a jumper between points 2 and 3 to program the MCU as an
MC68HC705J2.
b. Install a jumper between points 1 and 2 to program the MCU as an
MC68HC05J1.
4. Select the bootloader function:
a. Open switch S2 to select the program and verify function.
b. Close switch S2 to select the verify only function.
5. Close switch S1 to reset the MCU.
6. Apply VDD to the circuit.
7. Apply the EPROM programming voltage, VPP, to the circuit.
8. Open switch S1 to take the MCU out of reset. During programming the
PROGRAM LED turns on. It turns off when the verification routine begins.
If verification is successful, the VERIFY LED turns on. If the bootloader
finds an error during verification, it puts the error address on the external
address bus and stops running.
9. Close switch S1 to reset the MCU.
10. Remove the VPP voltage.
11. Remove the VDD voltage.
8.2 Host Downloading
The MC68HC05P8EVS board supports downloading user programs directly
from a personal computer.
Refer to MC68HC05P8EVS Customer Specified
Integrated Circuit (CSIC) Evaluation System, Motorola document number
BR735/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com