Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87372 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 20Page - National Semiconductor (TI) PC87372 Datasheet HTML 21Page - National Semiconductor (TI) PC87372 Datasheet HTML 22Page - National Semiconductor (TI) PC87372 Datasheet HTML 23Page - National Semiconductor (TI) PC87372 Datasheet HTML 24Page - National Semiconductor (TI) PC87372 Datasheet HTML 25Page - National Semiconductor (TI) PC87372 Datasheet HTML 26Page - National Semiconductor (TI) PC87372 Datasheet HTML 27Page - National Semiconductor (TI) PC87372 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 144 page
background image
24
www.national.com
Revision 1.2
2.0
Power, Reset and Clocks
2.1 POWER
2.1.1
Power Planes
The PC87372 device has three power planes (wells), as shown in the table below:
For correct operation, VSB3 must be applied before VDD3.
2.1.2
Power States
The PC87372 device has three power states:
• Power Fail - Main, Standby and Core power planes are powered off (V
DD3, VSB3 and VCORF are inactive).
• Power Off - Main power plane is powered off; the Standby and Core power planes are on (V
DD3 is inactive; VSB3 and
VCORF are active).
• Power On - Main, Standby and Core power planes are powered on (V
DD3, VSB3 and VCORF are active).
The following power state is illegal:
• The Main power plane is powered on and the Standby and Core power planes are off (i.e., V
DD3 is active; VSB and VCORF
are inactive). Operation is not guaranteed; however, at power-on/off, the device may temporarily enter this power state
due to the different rise/fall times of the VDD3 and VSB3 power supplies.
Table 5 summarizes the power states described above.
Table 4. Power Planes
Power Plane
Description
Power Pins
Ground Pins
Main
Powers the I/O buffers for the external signals1 of the
Legacy modules (Serial Port, Parallel Port, FDC, KBC),
on-chip High-Frequency Clock Generator, FSM and the
LPC interface, including the buffered reset outputs
1. See the tables in Section 1.4 (pages 14
−22), specifically the Power Well column.
VDD3
VSS
Standby
Powers the I/O buffers for the external signals1 of the
GPIO ports, SWC, Glue Functions and the on-chip Core
power converter
VSB3
VSS
Core
Powers the internal (core) logic of all the device modules
VCORF
2
2. VCORF is generated from VSB3 by an on-chip power converter.
VSS
Table 5. Power States and Related Power Planes
Power State
Main (VDD3)
Standby (VSB3)
Core (VCORF)
1
1. VCORF is generated from VSB3; therefore both voltages are on or off at
approximately the same time.
Power Fail
Off
Off
Off
Power Off
Off
On
On
Power On
OnOnOn
Illegal2
2. Operation is not guaranteed and register data may be corrupted.
On Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com