Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87372 Datasheet(PDF) 93 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 93 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 89Page - National Semiconductor (TI) PC87372 Datasheet HTML 90Page - National Semiconductor (TI) PC87372 Datasheet HTML 91Page - National Semiconductor (TI) PC87372 Datasheet HTML 92Page - National Semiconductor (TI) PC87372 Datasheet HTML 93Page - National Semiconductor (TI) PC87372 Datasheet HTML 94Page - National Semiconductor (TI) PC87372 Datasheet HTML 95Page - National Semiconductor (TI) PC87372 Datasheet HTML 96Page - National Semiconductor (TI) PC87372 Datasheet HTML 97Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 144 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
93
www.national.com
Revision 1.2
6.5 SYSTEM WAKE-UP CONTROL REGISTER BITMAP
Table 34. SWC Register Map with Base Address at Index 60h, 61h
Register
Bits
Offset
Mnemonic
76543210
00h
SLEDCTL
LED_OPT=1
Reserved
BLINK
GRN_YLW
Reserved
LED_OPT=0
Reserved
01h
SWC_CTL
LOCKSCF
Reserved
LED_OPT
02h
ALEDCTL
LED_OPT=0
Reserved
LEDCFG
LEDPOL
Reserved
LEDMOD
Reserved
LED_OPT=1
Reserved
03h
LEDBLNK
LED_OPT=0
Reserved
GRNBLNK
Reserved
YLWBLNK
Reserved
LED_OPT=1
Reserved
04h
KBDWKCTL
KBDMODE
EVT3CFG
EVT2CFG
EVT1CFG
05h
PS2CTL
DISPAR
MSEVCFG
KBEVCFG
06h
KDSR
Keyboard Data
07h
MDSR
Reserved
Mouse Data
08h
PS2KEY0
Data Byte of Key
09h
PS2KEY1
Data Byte of Key
0Ah
PS2KEY2
Data Byte of Key
0Bh
PS2KEY3
Data Byte of Key
0Ch
PS2KEY4
Data Byte of Key
0Dh
PS2KEY5
Data Byte of Key
0Eh
PS2KEY6
Data Byte of Key
0Fh
PS2KEY7
Data Byte of Key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com