Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87372 Datasheet(PDF) 81 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 81 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 77Page - National Semiconductor (TI) PC87372 Datasheet HTML 78Page - National Semiconductor (TI) PC87372 Datasheet HTML 79Page - National Semiconductor (TI) PC87372 Datasheet HTML 80Page - National Semiconductor (TI) PC87372 Datasheet HTML 81Page - National Semiconductor (TI) PC87372 Datasheet HTML 82Page - National Semiconductor (TI) PC87372 Datasheet HTML 83Page - National Semiconductor (TI) PC87372 Datasheet HTML 84Page - National Semiconductor (TI) PC87372 Datasheet HTML 85Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 144 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
81
www.national.com
Revision 1.2
6.3.5
LED Blink Control Register (LEDBLNK)
This register controls the advanced blinking rate of the two LEDs connected to pins GRN_LED and YLW_LED of the
PC87372 device. It is reset to 70h.
Power Well: VSB3
Location:
Offset 03h, when LED_OPT = 0 in the SWC_CTL register
Type:
R/W
Bit
76
5
43210
Name
Reserved
GRNBLNK
Reserved
YLWBLNK
Reset
0
1
1
10000
Bit
Description
7
Reserved.
6-4
GRNBLNK (Green LED Blink Rate). These bits control the blinking rate of GRN_LED output.
Bits
6 5 4
Rate (Hz)
Duty Cycle
0 0 0:
Off
Always inactive
0 0 1:
0.25
12.5%
0 1 0:
0.5
25%
0 1 1:
1
50%
1 0 0:
2
50%
1 0 1:
3
50%
1 1 0:
4
50%
1 1 1:
On
Always active (default)
3
Reserved.
2-0
YLWBLNK (Yellow LED Blink Rate). These bits control the blinking rate of YLW_LED output.
Bits
2 1 0
Rate (Hz)
Duty Cycle
0 0 0:
Off
Always inactive (default)
0 0 1:
0.25
12.5%
0 1 0:
0.5
25%
0 1 1:
1
50%
1 0 0:
2
50%
1 0 1:
3
50%
1 1 0:
4
50%
1 1 1:
On
Always active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com