Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87372 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 47Page - National Semiconductor (TI) PC87372 Datasheet HTML 48Page - National Semiconductor (TI) PC87372 Datasheet HTML 49Page - National Semiconductor (TI) PC87372 Datasheet HTML 50Page - National Semiconductor (TI) PC87372 Datasheet HTML 51Page - National Semiconductor (TI) PC87372 Datasheet HTML 52Page - National Semiconductor (TI) PC87372 Datasheet HTML 53Page - National Semiconductor (TI) PC87372 Datasheet HTML 54Page - National Semiconductor (TI) PC87372 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 144 page
background image
3.0 Device Architecture and Configuration (Continued)
51
www.national.com
Revision 1.2
3.10.3 Serial Port Configuration Register
This register is reset to 02h.
Power Well: VDD3
Location:
Index F0h
Type:
R/W
Bit
76543210
Name
Bank
Select
Enable
Reserved
Busy
Indicator
Power
Mode
Control
TRI-STATE
Control
Reset
00000010
Bit
Description
7
Bank Select Enable. Enables bank switching for the Serial Port.
0: All attempts to access the extended registers in the Serial Port are ignored (default)
1: Enables bank switching for the Serial Port
6-3
Reserved.
2
Busy Indicator. This read-only bit can be used by power management software to decide when to power down
the Serial Port logical device.
0: No transfer in progress (default)
1: Transfer in progress
1
Power Mode Control. The logical device can be active in two modes:
0: Low Power mode: When the logical device is active in Low Power mode,
- The Low Serial Port clock is disabled.
- The output signals are set to their default states.
- The RI input signal can be programed to generate an interrupt.
- Registers are maintained (unlike the activation bit in Index 30h, which also prevents access to the Serial Port
registers).
1: Normal Power mode: When the logical device is active in Normal Power mode,
- Serial Port clock enabled.
- Serial Port is functional when the logical device is active (default).
0
TRI-STATE Control. When this bit is set to 1 and the logical device is inactive, the logical device output pins
are in TRI-STATE (see Section 3.3.2 on page 37).
0: Normal outputs (default)
1: TRI-STATE outputs when the logical device is inactive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com