Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87372 Datasheet(PDF) 107 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 107 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 103Page - National Semiconductor (TI) PC87372 Datasheet HTML 104Page - National Semiconductor (TI) PC87372 Datasheet HTML 105Page - National Semiconductor (TI) PC87372 Datasheet HTML 106Page - National Semiconductor (TI) PC87372 Datasheet HTML 107Page - National Semiconductor (TI) PC87372 Datasheet HTML 108Page - National Semiconductor (TI) PC87372 Datasheet HTML 109Page - National Semiconductor (TI) PC87372 Datasheet HTML 110Page - National Semiconductor (TI) PC87372 Datasheet HTML 111Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 144 page
background image
8.0 Glue Functions (Continued)
107
www.national.com
Revision 1.2
8.2.6
Power Distribution Control
This function generates the BKFD_CUT and the LATCHED_BF_CUT power distribution control signals.
An active low BKFD_CUT signal is generated when the Main power supply voltage is valid (PWRGD_PS = high) and the
system is not in one of the S3 to S5 sleep states (SLP_S3 = high).
The LATCHED_BF_CUT signal is generated from BKFD_CUT and SLP_S5 as follows:
q
Rising edge of BKFD_CUT while the system is not in S5 sleep state (SLP_S5 = high) sets LATCHED_BF_CUT to
high.
q
Falling edge of BKFD_CUT while the system is not in S5 sleep state (SLP_S5 = high) resets LATCHED_BF_CUT to
low.
q
When the system is in S5 sleep state (SLP_S5 = low), LATCHED_BF_CUT is reset to low.
Figure 26 shows a simplified diagram of the circuit that generates the BKFD_CUT and the LATCHED_BF_CUT signals.
Figure 26. BKFD_CUT and LATCHED_BF_CUT Generation (Simplified Diagram)
For the AC characteristics, see Power Distribution Control on page 141.
8.2.7
Main Power Supply Control
This function generates the PS_ON signal, which turns the Main power supply on and off.
The Main power supply is turned on by an active low PS_ON signal, generated when the processor is currently inserted in
its socket (CPU_PRESENT = low) and the system is not in one of the S3 to S5 sleep states (SLP_S3 = high).
Figure 27 shows a simplified diagram of the circuit that generates the PS_ON signal.
Figure 27. PS_ON Generation (Simplified Diagram)
For the AC characteristics, see Main Power Supply Control on page 142.
1 K
Ω
BKFD_CUT
VDD5
Pin
Reset
(BKFD_CUT)
SLP_S5
LATCHED_BF_CUT
Pin
SLP_S3
PWRGD_PS
R-S Flip-Flop
Set
Q
Detector
Detector
22 K
Ω
PS_ON
VSB5
Pin
SLP_S3
CPU_PRESENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com