Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87372 Datasheet(PDF) 132 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 132 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 128Page - National Semiconductor (TI) PC87372 Datasheet HTML 129Page - National Semiconductor (TI) PC87372 Datasheet HTML 130Page - National Semiconductor (TI) PC87372 Datasheet HTML 131Page - National Semiconductor (TI) PC87372 Datasheet HTML 132Page - National Semiconductor (TI) PC87372 Datasheet HTML 133Page - National Semiconductor (TI) PC87372 Datasheet HTML 134Page - National Semiconductor (TI) PC87372 Datasheet HTML 135Page - National Semiconductor (TI) PC87372 Datasheet HTML 136Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 144 page
background image
10.0 Device Characteristics (Continued)
132
www.national.com
Revision 1.2
Low-Frequency Clock Timing
Figure 43. CLOCKI32 Timing
Symbol Figure Clock Input Parameters Reference Conditions
CLOCKI32
Units
Min
Typ
Max
tCP
43
Clock Period1 (50%-50%)
1. Not tested. Guaranteed by design.
30.4871
30.517578
30.5481
µs
FCK
−
Clock Frequency
F32TYP − 0.1%
32.768
(F32TYP)
F32TYP + 0.1% KHz
t32KW
43
Clock wake-up time
VSB3 stable to clock
start toggling
System dependent2
2. If t32KW of the CLOCKI32 input is lower than 0.5 ms, use the 0.5 ms value in calculations involving the total
wake-up time of the low-frequency clock (t32KW + t32KVAL).
t32KVAL
43
Clock valid time1
Clock start toggling to
clock valid
256 * tCP
CLOCKI32
(32.768 KHz)
t32KW
VSB3 (Power)
VSB3ONmin
tCP
t32KVAL
(Internal)
32 KHz Domain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com