Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3703 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3703
Description  100V Synchronous Switching Regulator Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3703 Datasheet HTML 4Page - Linear Technology LTC3703 Datasheet HTML 5Page - Linear Technology LTC3703 Datasheet HTML 6Page - Linear Technology LTC3703 Datasheet HTML 7Page - Linear Technology LTC3703 Datasheet HTML 8Page - Linear Technology LTC3703 Datasheet HTML 9Page - Linear Technology LTC3703 Datasheet HTML 10Page - Linear Technology LTC3703 Datasheet HTML 11Page - Linear Technology LTC3703 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC3703
8
3703f
FU CTIO AL DIAGRA
5
1
UVSD OTSD
CHIP
SD
1V
3.2V
4
µA
RUN/SS
BANDGAP
SYNC
DETECT
OVER
TEMP
VCC
UVLO
OSC
% DC
LIMIT
DRIVE
LOGIC
+
–
+
–
+
–
+
–
EXT SYNC
FORCED CONTINUOUS
÷
+
+
–
+
–
+
–
+
–
0.8V
MODE/SYNC
3
COMP
4
FB
16
15
14
13
11
10
9
6
12
VIN
VCC
(<15V)
INV
PWM
MIN
MAX
0.76V
0.84V
±
OVERCURRENT
12
µA
50mV
IMAX
RMAX
BOOST
TG
SW
DRVCC
BG
BGRTN
INV
8 GND
GN16
OT SD
0.8V
REFERENCE
INTERNAL
3.2V VCC
UV SD
2
FSET
3703 FD
REVERSE
CURRENT
FB
RSET
5
CSS
R2
R1
VCC
CVCC
DB
CB
VCC
VIN
M1
M2
COUT
VOUT
L1
INV
±
OPERATIO
The LTC3703 is a constant frequency, voltage mode
controller for DC/DC step-down converters. It is designed
to be used in a synchronous switching architecture with
two external N-channel MOSFETs. Its high operating volt-
age capability allows it to directly step down input voltages
up to 100V without the need for a step-down transformer.
For circuit operation, please refer to the Functional Dia-
gram of the IC and Figure 1. The LTC3703 uses voltage
mode control in which the duty ratio is controlled directly
by the error amplifier output and thus requires no current
sense resistor. The VFB pin receives the output voltage
feedback and is compared to the internal 0.8V reference by
the error amplifier, which outputs an error signal at the
COMP pin. When the load current increases, it causes a
drop in the feedback voltage relative to the reference. The
COMP voltage then rises, increasing the duty ratio until the
(Refer to Functional Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com