Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3703 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC3703
Description  100V Synchronous Switching Regulator Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC3703 Datasheet HTML 24Page - Linear Technology LTC3703 Datasheet HTML 25Page - Linear Technology LTC3703 Datasheet HTML 26Page - Linear Technology LTC3703 Datasheet HTML 27Page - Linear Technology LTC3703 Datasheet HTML 28Page - Linear Technology LTC3703 Datasheet HTML 29Page - Linear Technology LTC3703 Datasheet HTML 30Page - Linear Technology LTC3703 Datasheet HTML 31Page - Linear Technology LTC3703 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTC3703
29
3703f
APPLICATIO S I FOR ATIO
Figure 20. LTC3703 Buck Converter Suggested Layout
LTC3703
MODE/SYNC
FSET
COMP
FB
IMAX
INV
RUN/SS
GND
VIN
BOOST
TG
SW
VCC
DRVCC
BG
BGRTN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CC1
CIN
CC2
CC3
RC1
RC2
R1
R2
RF
RMAX
RSET
CB
VIN
M1
M2
L1
D1
VOUT
COUT
DB
VCC
CSS
3703 F18
CDRVCC
X5R
CVCC
X5R
+
+
+
–
8. For applications with multiple switching power convert-
ers connected to the same input supply, make sure that the
input filter capacitor for the LTC3703 is not shared with
other converters. AC input current from another converter
could cause substantial input voltage ripple, and this could
interfere with the operation of the LTC3703. A few inches
of PC trace or wire (L
≅ 100nH) between CIN of the
LTC3703 and the actual source VIN should be sufficient to
prevent input noise interference problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com