Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3703 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC3703
Description  100V Synchronous Switching Regulator Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC3703 Datasheet HTML 15Page - Linear Technology LTC3703 Datasheet HTML 16Page - Linear Technology LTC3703 Datasheet HTML 17Page - Linear Technology LTC3703 Datasheet HTML 18Page - Linear Technology LTC3703 Datasheet HTML 19Page - Linear Technology LTC3703 Datasheet HTML 20Page - Linear Technology LTC3703 Datasheet HTML 21Page - Linear Technology LTC3703 Datasheet HTML 22Page - Linear Technology LTC3703 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LTC3703
19
3703f
total phase shift due to the LC. The additional phase
compensation in the feedback amplifier allows the 0dB
point to be at or above the LC pole frequency, improving
loop bandwidth substantially over a simple Type 1 loop. It
has limited ability to compensate for LC combinations
where low capacitor ESR keeps the phase shift near 180
°
for an extended frequency range. LTC3703 circuits using
conventional switching grade electrolytic output capaci-
tors can often get acceptable phase margin with Type 2
compensation.
“Type 3” loops (Figure 14) use two poles and two zeros to
obtain a 180
° phase boost in the middle of the frequency
band. A properly designed Type 3 circuit can maintain
acceptable loop stability even when low output capacitor
ESR causes the LC section to approach 180
° phase shift
well above the initial LC roll-off. As with a Type 2 circuit,
the loop should cross through 0dB in the middle of the
phase bump to maximize phase margin. Many LTC3703
circuits using low ESR tantalum or OS-CON output capaci-
tors need Type 3 compensation to obtain acceptable phase
margin with a high bandwidth feedback loop.
So far, the AC response of the loop is pretty well out of the
user’s control. The modulator is a fundamental piece of the
LTC3703 design and the external L and C are usually
chosen based on the regulation and load current require-
ments without considering the AC loop response. The
feedback amplifier, on the other hand, gives us a handle
with which to adjust the AC response. The goal is to have
180
° phase shift at DC (so the loop regulates) and some-
thing less than 360
° phase shift at the point that the loop
gain falls to 0dB. The simplest strategy is to set up the
feedback amplifier as an inverting integrator, with the 0dB
frequency lower than the LC pole (Figure 12). This “Type
1” configuration is stable but transient response is less
than exceptional if the LC pole is at a low frequency.
APPLICATIO S I FOR ATIO
3703 F11
AV
0
PHASE
–6dB/OCT
–12dB/OCT
GAIN
FREQ
–90
–180
–270
–360
Figure 11. Transfer Function of Buck Modulator
3703 F12
0
PHASE
–6dB/OCT
GAIN
FREQ
–90
–180
–270
–360
RB
R1
FB
C1
IN
OUT
+
–
VREF
Figure 12. Type 1 Schematic and Transfer Function
3703 F13
0
PHASE
–6dB/OCT
–6dB/OCT
GAIN
FREQ
–90
–180
–270
–360
RB
VREF
R1
R2
FB
C2
IN
OUT
+
–
C1
Figure 13. Type 2 Schematic and Transfer Function
3703 F14
0
PHASE
–6dB/OCT
+6dB/OCT
–6dB/OCT
GAIN
FREQ
–90
–180
–270
–360
RB
VREF
R1
R2
FB
C2
IN
OUT
+
–
C1
C3
R3
Figure 14. Type 3 Schematic and Transfer Function
Figure 13 shows an improved “Type 2” circuit that uses an
additional pole-zero pair to temporarily remove 90
° of
phase shift. This allows the loop to remain stable with 90
°
more phase shift in the LC section, provided the loop
reaches 0dB gain near the center of the phase “bump.”
Type 2 loops work well in systems where the ESR zero in
the LC roll-off happens close to the LC pole, limiting the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com