Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3703 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3703
Description  100V Synchronous Switching Regulator Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3703 Datasheet HTML 10Page - Linear Technology LTC3703 Datasheet HTML 11Page - Linear Technology LTC3703 Datasheet HTML 12Page - Linear Technology LTC3703 Datasheet HTML 13Page - Linear Technology LTC3703 Datasheet HTML 14Page - Linear Technology LTC3703 Datasheet HTML 15Page - Linear Technology LTC3703 Datasheet HTML 16Page - Linear Technology LTC3703 Datasheet HTML 17Page - Linear Technology LTC3703 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC3703
14
3703f
appropriate breakdown specification. Since many high
voltage MOSFETs have higher threshold voltages (typi-
cally, VGS(MIN) ≥ 6V), the LTC3703 is designed to be used
with a 9V to 15V gate drive supply (DRVCC pin).
For maximum efficiency, on-resistance RDS(ON) and input
capacitance should be minimized. Low RDS(ON) minimizes
conduction losses and low input capacitance minimizes
transition losses. MOSFET input capacitance is a combi-
nation of several components but can be taken from the
typical “gate charge” curve included on most data sheets
(Figure 9).
The curve is generated by forcing a constant input current
into the gate of a common source, current source loaded
stage and then plotting the gate voltage versus time. The
initial slope is the effect of the gate-to-source and the gate-
to-drain capacitance. The flat portion of the curve is the
result of the Miller multiplication effect of the drain-to-gate
capacitance as the drain drops the voltage across the
current source load. The upper sloping line is due to the
drain-to-gate accumulation capacitance and the gate-to-
source capacitance. The Miller charge (the increase in
coulombs on the horizontal axis from a to b while the curve
is flat) is specified for a given VDS drain voltage, but can be
adjusted for different VDS voltages by multiplying by the
ratio of the application VDS to the curve specified VDS
values. A way to estimate the CMILLER term is to take the
change in gate charge from points a and b on a manufac-
turers data sheet and divide by the stated VDS voltage
specified. CMILLER is the most important selection criteria
for determining the transition loss term in the top MOSFET
but is not directly specified on MOSFET data sheets. CRSS
and COS are specified sometimes but definitions of these
parameters are not included.
When the controller is operating in continuous mode the
duty cycles for the top and bottom MOSFETs are given by:
APPLICATIO S I FOR ATIO
MainSwitchDutyCycle
V
V
SynchronousSwitchDutyCycle
VV
V
OUT
IN
IN
OUT
IN
=
=
–
The power dissipation for the main and synchronous
MOSFETs at maximum output current are given by:
PD
I
D
R
V
I
D
RC
VV
V
f
P
D
IR
MAIN
MAX
MAX
MAX
DR ON
OUT
MAX
MAX
DR
MILLER
CC
TH IL
TH IL
SYNC
MAX
MAX
DS N
=


++


+
= 


+
1
1
1
21
11
1
1
1
2
2
2
0
–
()
–
()(
)•
–
()
–
() ()
()
()
()
()
δ
δ
where
δ is the temperature dependency of RDS(ON), RDR is
the effective top driver resistance (approximately 2
Ω at
VGS = VMILLER), VIN is the drain potential and the change
in drain potential in the particular application. VTH(IL) is the
data sheet specified typical gate threshold voltage speci-
fied in the power MOSFET data sheet at the specified drain
current. CMILLER is the calculated capacitance using the
gate charge curve from the MOSFET data sheet and the
technique described above.
Both MOSFETs have I2R losses while the topside N-channel
equation includes an additional term for transition losses,
which peak at the highest input voltage. For VIN < 25V, the
high current efficiency generally improves with larger
MOSFETs, while for VIN > 25V, the transition losses
rapidly increase to the point that the use of a higher
RDS(ON)devicewithlowerCMILLERactuallyprovideshigher
efficiency. The synchronous MOSFET losses are greatest
at high input voltage when the top switch duty factor is low
or during a short circuit when the synchronous switch is
on close to 100% of the period.
The term (1 +
δ) is generally given for a MOSFET in the
form of a normalized RDS(ON) vs temperature curve, and
typically varies from 0.005/
°C to 0.01/°C depending on
the particular MOSFET used.
Figure 9. Gate Charge Characteristic
+
–
VDS
VIN
VGS
MILLER EFFECT
QIN
ab
CMILLER = (QB – QA)/VDS
VGS
V
+
–
3703 F09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com