Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3703 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC3703
Description  100V Synchronous Switching Regulator Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC3703 Datasheet HTML 24Page - Linear Technology LTC3703 Datasheet HTML 25Page - Linear Technology LTC3703 Datasheet HTML 26Page - Linear Technology LTC3703 Datasheet HTML 27Page - Linear Technology LTC3703 Datasheet HTML 28Page - Linear Technology LTC3703 Datasheet HTML 29Page - Linear Technology LTC3703 Datasheet HTML 30Page - Linear Technology LTC3703 Datasheet HTML 31Page - Linear Technology LTC3703 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
LTC3703
30
3703f
Single Input Supply 12V/5A Output Step-Down Converter
TYPICAL APPLICATIO S
36V-72V Input Voltage to 5V/10A Step-Down Converter with Pulse Skip Mode Enabled
LTC3703
MODE/SYNC
FSET
COMP
FB
IMAX
INV
RUN/SS
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VIN
BOOST
TG
SW
VCC
DRVCC
BG
BGRTN
CIN
22
µF
100V
×2
CC2
100pF
CC3
260pF
RC1
120k
RMAX 20k
CC1
8pF
RC2
3.2k
R1
42k
1%
R2
8.06k
1%
RF
10
Ω
RSET
25k
CB
0.1
µF
VIN
36V TO 72V
M2
Si7456DP
L1
4.7
µH
D1
MBR1100
VOUT
5V
10A
COUT
220
µF
25V
×2
DB
BAS21
VCC
9.3V TO 15V
CSS
0.1
µF
3703 TA01
CDRVCC
10
µF
CVCC
1
µF
+
+
+
M1
Si7456DP
22
µF
25V
LTC3703
MODE/SYNC
FSET
COMP
FB
IMAX
INV
RUN/SS
GND
VIN
BOOST
TG
SW
VCC
DRVCC
BG
BGRTN
CIN
22
µF
100V
×2
VIN
15V TO 80V
CC2
3300pF
CC3
1500pF
RC1
22k
RMAX 20k
CC1
15pF
RC2
330
Ω
*OPTIONAL ZENER PROVIDES UNDERVOLTAGE LOCKOUT ON INPUT SUPPLY, VUVLO ≅ 10 + VZ
R1
113k
1%
R2
8.06k
1%
RF
10
Ω
RSET 25k
CB
0.1
µF
M2
Si7456DP
L1
15
µH
D1
MBR1100
VOUT
12V
5A
COUT
220
µF
25V
×2
DB
BAS21
CSS
0.1
µF
3703 TA02
CDRVCC
10
µF
CVCC
1
µF
+
+
+
M1
Si7456DP
22
µF
25V
FZT600
100
Ω
10k
*
12V
CMDSH-3
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com